Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4008LS3TP Datasheet(PDF) 5 Page - Littelfuse

Part # S4008LS3TP
Description  Excellent unidirectional switches for phase control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4008LS3TP Datasheet(HTML) 5 Page - Littelfuse

  S4008LS3TP Datasheet HTML 1Page - Littelfuse S4008LS3TP Datasheet HTML 2Page - Littelfuse S4008LS3TP Datasheet HTML 3Page - Littelfuse S4008LS3TP Datasheet HTML 4Page - Littelfuse S4008LS3TP Datasheet HTML 5Page - Littelfuse S4008LS3TP Datasheet HTML 6Page - Littelfuse S4008LS3TP Datasheet HTML 7Page - Littelfuse S4008LS3TP Datasheet HTML 8Page - Littelfuse S4008LS3TP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/02/16
Teccor® brand Thyristors
8 Amp Sensitive & Standard SCRs
Figure 5: On-State Current
vs. On-State Voltage (Typical)
Figure 6: Power Dissipation (Typical)
vs. RMS On-State Current
0
1
2
3
4
5
6
7
8
RMS On-State Current [I
T(RMS)] - (Amps)
0
1
2
3
4
5
6
7
8
125
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) - (°C)
Figure 3: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
Figure 4: Normalized DC Holding Current
vs. Junction Temperature
125
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) - (°C)
0
4
8
12
16
20
24
28
32
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Instantaneous On-state Voltage (v
T) – Volts
T
J = 25°C
Figure 7: Maximum Allowable Case Temperature
vs. RMS On-State Current
Figure 8: Maximum Allowable Case Temperature
vs. Average On-State Current
80
85
90
95
100
105
110
115
120
125
130
Sx08LSy
Sxx08RSy
Sxx08DSy
Sxx08VSy
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
Conduction Angle: 180°
FREE AIR RATING
Average On-State Current [I
T(AVE)] - Amps
Sxx08R
Sxx08D
Sxx08V
0
1
23
4
5
Sxx08L
80
85
90
95
100
105
110
115
120
125
130
0
1
2
3
4
5
6
7
8
9
Sxx08RSy
Sxx08DSy
Sxx08VSy
Sxx08R
Sxx08D
Sxx08V
Sxx08LSy
Sxx08L
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
Conduction Angle: 180°
FREE AIR RATING
RMS On-State Current [I
T(RMS)] - Amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com