Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7571IDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7571IDBVT
Description  2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7571IDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC7571IDBVT Datasheet HTML 10Page - Texas Instruments DAC7571IDBVT Datasheet HTML 11Page - Texas Instruments DAC7571IDBVT Datasheet HTML 12Page - Texas Instruments DAC7571IDBVT Datasheet HTML 13Page - Texas Instruments DAC7571IDBVT Datasheet HTML 14Page - Texas Instruments DAC7571IDBVT Datasheet HTML 15Page - Texas Instruments DAC7571IDBVT Datasheet HTML 16Page - Texas Instruments DAC7571IDBVT Datasheet HTML 17Page - Texas Instruments DAC7571IDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.ti.com
OUTPUT AMPLIFIER
I
2C Interface
Start
Condition
SDA
Stop
Condition
SDA
SCL
S
P
SCL
Not Acknowledge
Acknowledge
1
2
8
9
Clock Pulse for
Acknowledgement
S
START
Condition
Data Output
by Transmitter
Data Output
by Receiver
SCL From
Master
DAC7571
SLAS374A – FEBRUARY 2003 – REVISED JANUARY 2004
THEORY OF OPERATION (continued)
The output buffer amplifier is capable of generating rail-to-rail voltages on its output which gives an output range
of 0 V to VDD. It is capable of driving a load of 2kΩ in parallel with 1000 pF to GND. The source and sink
capabilities of the output amplifier can be seen in the typical characteristics. The slew rate is 1V/µs with a
half-scale settling time of 8 µs with the output unloaded.
The DAC7571 uses an I
2C interface as defined by Philips Semiconductor to receive data in slave mode (see
I
2C-Bus Specification, Version 2.1, January 2000). The DAC7571 supports the following data transfer modes,
described in the I
2C-Bus Specification: Standard Mode (100 kbit/s), Fast Mode (400 kbit/s) and High-Speed
Mode (3.4 Mbit/s). Ten-bit addressing and general call addres are not supported.
For simplicity, standard mode and fast mode are referred to as F/S-mode and high-speed mode is referred tg as
HS-mode.
The 2-wire I
2C serial bus protocol operates as follows:
•
The Master initiates data transfer by establishing a Start condition. The Start condition is defined when a
high-to-low transition occurs on the SDA line while SCL is high, as shown in Figure 41. The byte following
the start condition is the address byte consisting of the 7-bit slave address followed by the W bit.
Figure 41. START and STOP Conditions
•
The addressed Slave responds by pulling the SDA pin low during the ninth clock pulse, termed the
Acknowledge bit (see Figure 42). At this stage all other devices on the bus remain idle while the selected
device waits for data to be written to its shift register.
Figure 42. Acknowledge on the I2C Bus
•
Data is transmitted over the serial bus in sequences of nine clock cycles (8 data bits followed by an
acknowledge bit. The transitions on the SDA line must occur during the low period of SCL and remain stable
during the high period of SCL (see Figure 43).
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com