Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7571IDBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7571IDBVT
Description  2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7571IDBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC7571IDBVT Datasheet HTML 13Page - Texas Instruments DAC7571IDBVT Datasheet HTML 14Page - Texas Instruments DAC7571IDBVT Datasheet HTML 15Page - Texas Instruments DAC7571IDBVT Datasheet HTML 16Page - Texas Instruments DAC7571IDBVT Datasheet HTML 17Page - Texas Instruments DAC7571IDBVT Datasheet HTML 18Page - Texas Instruments DAC7571IDBVT Datasheet HTML 19Page - Texas Instruments DAC7571IDBVT Datasheet HTML 20Page - Texas Instruments DAC7571IDBVT Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
www.ti.com
APPLICATIONS
USING REF02 AS A POWER SUPPLY FOR THE DAC7571
REF02
15 V
5 V
1.14 mA
A0
SCL
SDA
I2C
Interface
VOUT = 0 V to 5 V
DAC7571
LAYOUT
DAC7571
SLAS374A – FEBRUARY 2003 – REVISED JANUARY 2004
Due to the extremely low supply current required by the DAC7571, a possible configuration is to use a REF02
+5V precision voltage reference to supply the required voltage to the DAC7571's supply input as well as the
reference input, as shown in Figure 47. This is especially useful if the power supply is quite noisy or if the system
supply voltages are at some value other than 5V. The REF02 will output a steady supply voltage for the
DAC7571. If the REF02 is used, the current it needs to supply to the DAC7571 is 150 µA typical and 200 µA max
for VDD = 5V. When a DAC output is loaded, the REF02 also needs to supply the current to the load. The total
typical current required (with a 5 mW load on a given DAC output) is: 135 µA + (5 mW/5 V) = 1.14 mA.
The load regulation of the REF02 is typically (0.005%
×V
DD)/mA, which results in an error of 285 mV for the 1.14
mA current drawn from it. This corresponds to a 0.2 LSB error for a 0 V to 5 V output range.
Figure 47. REF02 as Power Supply to DAC7571
A precision analog component requires careful layout, adequate bypassing, and clean, well-regulated power
supplies.
The power applied to VDD should be well regulated and low noise. Switching power supplies and DC/DC
converters will often have high-frequency glitches or spikes riding on the output voltage. In addition, digital
components can create similar high-frequency spikes as their internal logic switches states. This noise can easily
couple into the DAC output voltage through various paths between the power connections and analog output.
As with the GND connection, VDD should be connected to a +5V power supply plane or trace that is separate
from the connection for digital logic until they are connected at the power entry point. In addition, the 1 µF to 10
µF and 0.1 µF bypass capacitors are strongly recommended. In some situations, additional bypassing may be
required, such as a 100µF electrolytic capacitor or even a Pi filter made up of inductors and capacitors—all
designed to essentially low-pass filter the +5V supply, removing the high-frequency noise.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com