Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7571IDBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7571IDBVT
Description  2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7571IDBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC7571IDBVT Datasheet HTML 13Page - Texas Instruments DAC7571IDBVT Datasheet HTML 14Page - Texas Instruments DAC7571IDBVT Datasheet HTML 15Page - Texas Instruments DAC7571IDBVT Datasheet HTML 16Page - Texas Instruments DAC7571IDBVT Datasheet HTML 17Page - Texas Instruments DAC7571IDBVT Datasheet HTML 18Page - Texas Instruments DAC7571IDBVT Datasheet HTML 19Page - Texas Instruments DAC7571IDBVT Datasheet HTML 20Page - Texas Instruments DAC7571IDBVT Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
www.ti.com
MASTER TRANSMITTER WRITING TO A SLAVE RECEIVER (DAC7571) IN STANDARD/FAST
POWER-ON RESET
POWER-DOWN MODES
DAC7571
SLAS374A – FEBRUARY 2003 – REVISED JANUARY 2004
MODES
I
2C protocol starts when the bus is dile, that is, when SDA and SCL lines are stable high. The master then pulls
the SDA line low while SCL is still high indicting that serial data transfer has started. This is called a start
condition, and can only be asserted by the master. After the start conditioin, the master generates the serial
clock and puts out an address byte. While generating the bit stream, the master ensures the timing for valid data.
For each valid I
2C bit, the SDA line should remain stable during the entire high period of the SCL line. The
address byte consists of 7 address bits (1001 100, assuming A0=0) and a direction bit (R/W=0). After sending
the address byte, the master generates a ninth SCL pulse and monitors the state of the SDA line during the high
period of this ninth clock cycle.
The SDA line being pulled low by a receiver during the high period of this 9
th clock cylce is called an
acknowledge signal. If the master receives an acknowledge signal, it knows that a DAC7571 successfully
matched the address which the master sent. Upon the receipt of this acknowledge, the master knows that the
communication link with a DAC7571 has been established and more data can be sent. The master continues by
sending a Control/MS-byte, which sets DAC7571 operation mode and specifies the first 4 MSBs of data. After
sending the Control/MS-byte, the master expects an acknowledge signal from the DAC7571. Upon the receipt of
the acknowledge, the master sends an LS-byte that represents the 8 least significant bits of DAC7571's 12-bit
conversion data. After receiving the LS-byte, the DAC7571 sends an acknowledge. At the falling edge of the
acknowledge signal, following the LS-byte, the DAC7571 performs a digital to analog conversion. For further
DAC updates, the master can keep repeating Control/MS-byte and LS-byte sequences expecting an
acknowledge after each byte. After the required number of digital to analog conversions is complete, the master
can break the communication link with the DAC7571 by pulling the SDA line from low to high while SCL line is
high. This is called a stop condition . A stop condition brings the bus back to idle (SDA and SCL both high). A
stop condition indicates that communication with the DAC7571 has ended. All devices on the bus, including the
DAC7571, waits for a new start condition followed by a mtaching address byte. DAC7571 stays in a programmed
state until the receipt of a stop condition.
Table 1. Write Sequence in Standard/Fast Modes
Transmitter
MSB
6
5
4
3
2
1
LSB
Comment
Master
Start
Begin Sequence(1)
Write Addressing (LSB=0, R/W =
Master
1
0
0
1
1
0
A0
0
0)
DAC7571
DAC7571 Acknowledges
Master
0
0
PD1
PD0
D11
D10
D9
D8
Writing Control/MS-Byte
DAC7571
DAC7571 Acknowledges
Master
D7
D6
D5
D4
D3
D2
D1
D0
Writing LS-Byte
DAC7571
DAC7571 Acknowledges
Master
Stop or Repeated Start(2)
Done
(1)
Once DAC7571 is addressed, high-byte-low-byte sequences can repeat until a stop condition is received.
(2)
Use repeated start to secure bus operation and loop back to the stage of write addressing for next Write.
The DAC7571 contains a power-on reset circuit that controls the output voltage during power-up. On power-up,
the DAC register is filled with zeros and the output voltage is 0 V. It remains at a zero-code output until a valid
write sequence is made to the DAC. This is useful in applications where it is important to know the state of the
DAC output while it is in the process of powering up.
The DAC7571 contains four separate modes of operation. These modes are programmable via two bits (PD1
and PD0). Table 2 shows how the state of these bits correspond to the mode of operation.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com