Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8608 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ECH8608
Description  SWITCHING DEVICE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECH8608 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ECH8608 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECH8608 Datasheet HTML 2Page - List of Unclassifed Manufacturers ECH8608 Datasheet HTML 3Page - List of Unclassifed Manufacturers ECH8608 Datasheet HTML 4Page - List of Unclassifed Manufacturers ECH8608 Datasheet HTML 5Page - List of Unclassifed Manufacturers ECH8608 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ECH8608
No.8179-4/6
ドレイン電流, ID -- A
yfs -- ID
IT04371
IT04372
--0.001
--0.01
--0.1
--10
--1.0
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
3
2
ダイオード順電圧, VSD -- V
IF -- VSD
10
20
30
40
70
60
50
ゲート・ソース電圧, VGS -- V
RDS(on) -- VGS
--60
20
--40
--20
0
20
60
40
80
100
140
120
90
40
70
80
60
50
30
160
IT04369
IT04370
周囲温度, Ta -- °C
RDS(on) -- Ta
--2
--4
--6
--8
--10
--1
--3
--5
--7
--9
ID= --1A
--2A
Ta=25°C
ID=
--2A,
VGS
= --4.5V
I D
= --1
A, V
GS
= --2.5V
VGS=0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.1
--1.0
--0.3
--0.5
--0.7
--0.9
--0.1
1.0
--10
--1.0
7
5
3
7
5
2
5
3
2
10
7
5
3
27
5
3
22
VDS= --10V
75°
C
25°
C
Ta=
--25
°C
[Nch]
[Pch]
[Pch]
[Pch]
[Pch]
[Nch]
[Nch]
[Nch]
0
10
20
30
40
70
60
50
ゲート・ソース電圧, VGS -- V
RDS(on) -- VGS
--50
0
5
--25
0
25
75
50
100
125
50
20
40
45
35
25
30
10
15
150
IT04387
IT04388
周囲温度, Ta -- °C
RDS(on) -- Ta
2468
10
0
ID=3A
1.5A
Ta=25°C
ID=3
A, VGS
=4.0V
ID=
1.5A,
VGS
=2.5V
0.1
1.0
10
1.0
7
5
3
7
5
2
5
3
2
10
7
5
3
27
5
3
22
ドレイン電流, ID -- A
yfs -- ID
IT04389
VDS=10V
IT04390
0.001
0.01
0.1
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
3
2
ダイオード順電圧, VSD -- V
IF -- VSD
75°
C
25°
C
Ta=
--25
°C
VGS=0
0.2
0.4
0.6
0.8
1.2
1.1
1.0
0.3
0.5
0.7
0.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com