Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6517 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
7
Input and Output ports
The EM6517 has one input port and two bi-directional ports.
7.1 Ports overview
Table 7.1.1 Input and Output Ports Overview
Port
Mode
Mask(M:) or Register(R:)
Option
Function
Bit-wise Multifunction on Ports
PA
[3:0]
Input
M: Pull-up
M: Pull-down (default)
R: Pull enabling
R: Debouncer or direct
input for IRQ requests
and Counter
R: + or - for IRQ-edge
and counter
R: Input reset
combination
-Input
-Bit-wise interrupt request
-Software test variable
conditional jump
-PA[3],PA[0] input for the
event counter
-Port A reset inputs
PA[3]
10 bit
event
counter
clock
-
PA[2]
-
-
PA[1]
-
TestVar2
PA[0]
10 bit
event
counter
clock
TestVar1
PB
[3:0]
Individual
input or
output
R: CMOS or
Nch. open drain output
R: Pull-down on input
R: Pull-up on input
M: Pull-up
M: Pull-down
-Input or output
-PB[3] for the PWM
output
-PB[2:0] for the
Ck[11,16,12]
output
-Tristate output
PB[3]
PWM
output
PB[2]
Ck[11]
output
PB[1]
Ck[16]
output
PB[0]
Ck[12]
output
PC
[3:0]
Port-wise
input /
output
R: CMOS or
Nch. open drain output
R: Pull-down on input
R: Pull-up on input
M: Pull-up
M: Pull-down
-Input or output
-Tristate output
PC[3]
only in
28 pin
package
PC[2]
only in
28 pin
package
PC[1]
PC[0]
Mask options ( M: )are valid for ROM version only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com