Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6517 Datasheet(PDF) 39 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 39 Page - EM Microelectronic - MARIN SA

Back Button EM6517 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 43Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
39
www.emmicroelectronic.com
13 Interrupt Controller
The EM6517 has 12 different interrupt request sources each of which is maskable. 4 of them are coming from
extarnal sources and 8 from internal.
External(4)
- Port A,
PA[3] .. PA[0] inputs
Internal(8)
- Prescaler
Ck[1], 32 Hz / 8 Hz
- 10-bit Counter
Count to 0, Count equal to Compare
- EEPROM
End of writing operation
- ADC
End of conversion
- VLD
End of measure
- SWB (non-maskable)
SWB empty in interactive mode
Note
: the interrupt request from Serial Output Buffer (SWBEmpty) in interactive mode can not be masked in
opposition to the others and goes directly to the CPU.
For interrupt requests except SWBEmpty interrupt :
To be able to send an interrupt to the CPU, at least one of the interrupt request flags must ‘1’ (IRQxx)
and the general interrupt enable bit IntEn located in the register RegSysCntl1 must be set to 1. The interrupt
request flags can only be set high by a positive edge on the IRQxx data flip-flop while the corresponding mask
register bit (MaskIRQxx) is set to 1.
At power on or after any reset all interrupt request mask registers are cleared and therefore do not allow any
interrupt request to be stored. Also the general interrupt enable IntEn is set to 0 (No IRQ to CPU) by reset.
After each read operation on the interrupt request registers RegIRQ1, RegIRQ2 or RegIRQ3 the contents of the
addressed register are reset. Therefore one has to make a copy of the interrupt request register if there was
more than one IRQ to treat. Each interrupt request flag may also be reset individually by writing 1 into it .
Interrupt handling priority must be resolved through software by deciding which register and which flag inside
the register need to be serviced first.
Since the CPU has only one interrupt subroutine and the IRQxx registers are cleared after reading, the CPU
does not miss any interrupt request which comes during the interrupt service routine. If any occurs during this
time a new interrupt will be generated as soon as the software comes out of the current interrupt subroutine.
Figure 29. Interrupt Controller Block Diagram
Interrupt Request
Capture Register
12 Input-OR
Read
ClrIntBit
Reset
General
INT En
IRQ to µP
One of these Blocks for each IRQ
DB
DB[n]
IRQxx
SWBEmpty
Write
Mask
Write
Halt
SWBAuto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com