Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6517 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6517
Description  MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6517 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6517 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6517 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
EM6517
03/02 REV. C/448
Copyright
 2002, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
EM6517 at a glance
• Power Supply
- Low voltage low power architecture
including internal voltage regulator
- 2.0 ... 5.5 V battery voltage for all logic functions
- 2.6 ... 5.5 V battery voltage for the ADC (0.2LSB)
- 9 µA in active mode, ADC off
- 15 µA active mode, ADC on
- 1.3 µA in standby mode
- 0.1µA in sleep mode
- 32 KHz crystal oscillator
• RAM
- 64 x 4 bit, direct addressable
- 64 x 4 bit, indirect addressable
• EEPROM (main program memory)
- 3072 x 16 bit programmable with EM Programmer
• E
2PROM (peripheral)
- 64 x 8 bit, indirect addressable
- Interrupt request at the end of a write operation
• CPU
- 4 bit RISC architecture
- 2 clock cycles per instruction
- 72 basic instructions
• Main Operating Modes and Resets
- Active Mode
(CPU is running)
- Standby Mode (CPU in halt)
- Sleep Mode
(No clock, reset state)
- Initial reset on power on (POR)
- Watchdog resets (logic and oscillation watchdogs)
- Reset terminal
- Reset with input combination on port A register
selectable, ¨AND¨ or ¨OR¨ type by metal mask
• 4-Bit Input Port A
- Direct input read on the port terminals
- Debouncer function available on all inputs
- Interrupt request on positive or negative edge
- Pull-up or pull-down or none selectable by register
- Test variables (software) for conditional jumps
- PA[0] and PA[3] are inputs for the event counter
- Reset with input combination (register selectable)
• Serial Write Buffer (output)
- Max 256 bits long bit rates of 16kHz,8kHz,2kHz,1kHz
- Automatic or interactive send mode
- Interrupt request when buffer is empty
• 2 Channel 8-bit ADC
- Conversion time is 305
µs @32kHz
- 2 operating modes (continuous, single)
- Interrupt request at the end of conversion
• Prescaler
- 15 stage system clock divider down to 1 Hz
- 2 Interrupt requests; 1 Hz, 32 Hz or 8 Hz
- Prescaler reset (4 KHz to 1Hz)
• 4-Bit Bi-directional Port B
- All different functions bit-wise selectable
- Direct input read on the port terminals
- Data output latches
- CMOS or Nch. open drain outputs
- Pull-down or pull-up selectable
- Weak pull-up in Nch. open drain mode
- Selectable PWM, 1kHz, 32kHz and 2kHz output
• 4-Bit Bi-directional Port C
- Input or output mode as whole port
- Direct input read on port terminal
- Data output latches
- CMOS or Nch. open drain outputs
- Pull-down or pull-up selectable
- Weak pull-up in Nch. open drain mode
• Voltage Level Detector
- 3 levels software selectable (2.0, 2.5, 3.0 V)
- Busy flag during measure
- Interrupt request at end of measure
• 10-Bit Universal Counter
- 10, 8, 6 or 4bit up/down counting
- Parallel load
- 8 different input clocks
- Event counting (PA[0] or PA[3] )
- Full 10 bit or limited (8, 6, 4 bit) compare function
- 2 interrupt requests (on compare and on 0)
- Hi-frequency input on PA[3] and PA[0]
- Pulse-width modulation (PWM) output
• Interrupt Controller
- 4 external and 8 internal interrupt request sources
- Each interrupt can individually be maskable
- Each interrupt can individually be reset
- Automatic reset of each interrupt request after read
- General interrupt request to CPU can be disabled
- Automatic enabling of general interrupt request flag
when going into HALT mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com