Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB200C Datasheet(PDF) 6 Page - Taoglas antenna solutions

Part # MB200C
Description  Magneto 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MB200C Datasheet(HTML) 6 Page - Taoglas antenna solutions

Back Button MB200C Datasheet HTML 2Page - Taoglas antenna solutions MB200C Datasheet HTML 3Page - Taoglas antenna solutions MB200C Datasheet HTML 4Page - Taoglas antenna solutions MB200C Datasheet HTML 5Page - Taoglas antenna solutions MB200C Datasheet HTML 6Page - Taoglas antenna solutions MB200C Datasheet HTML 7Page - Taoglas antenna solutions MB200C Datasheet HTML 8Page - Taoglas antenna solutions MB200C Datasheet HTML 9Page - Taoglas antenna solutions MB200C Datasheet HTML 10Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SPE-15-8-020/A/IC
Page 6 of 12
2.4 Electrical &Physical Specification
MB200 Port1
Attenuation
500MHz
1000MHz
2000MHz
3000MHz
4000MHz
5000MHz
6000MHz
S12
-0.64
-0.94
-1.39
-1.68
-2.21
-2.54
-2.84
Nom. Impedance
50 Ohm
MB200 Port1
Frequency (MHz)
500MHz
1000MHz
2000MHz
3000MHz
4000MHz
5000MHz
6000MHz
S12
-0.66
-0.96
-1.36
-1.81
-2.25
-2.58
-2.96
Nom. Impedance
50 Ohm
MECHANICAL
Casing
ABS+PC
Coaxial Cable
RG316
Cable Length
1 meters
Connector
SMA(M)ST
Connector Max. Torque
0.9 Nm
Weight
220 g
Magnetic mount (unit)
1.0 kgf
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com