Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB200C Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MB200C
Description  Magneto 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MB200C Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MB200C Datasheet HTML 1Page - Taoglas antenna solutions MB200C Datasheet HTML 2Page - Taoglas antenna solutions MB200C Datasheet HTML 3Page - Taoglas antenna solutions MB200C Datasheet HTML 4Page - Taoglas antenna solutions MB200C Datasheet HTML 5Page - Taoglas antenna solutions MB200C Datasheet HTML 6Page - Taoglas antenna solutions MB200C Datasheet HTML 7Page - Taoglas antenna solutions MB200C Datasheet HTML 8Page - Taoglas antenna solutions MB200C Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPE-15-8-020/A/IC
Page 2 of 12
1. Introduction
The MB.200 is a sturdy 3 way base mount for LTE or WIFI MIMO 2*2 Antennas. The
standard base version comes with high quality 1 meter small diameter Teflon jacket
RG316 cable to allow for flexibility of placement. The base has undergone extensive
pull force testing.
The base SMA connectors where the antenna elements connect are SMA(F), so the
mating antenna needs to be SMA(M) straight connector type. The base cable itself has
a SMA(M) connector. The cable length and cable connector types are customizable,
subject to MOQ. The connector can be customizable on the base itself subject to NRE
and MOQ.
Options
- Magnetic
- Desktop
- Wall
Magnetic Mount
With six super-magnets embedded, the base mounts permanently to metal surfaces
Wall Mount
Mounting holes in the base make it easy to mount on a wall
Desktop
EVA foam under the base ensures a good grip for desktop use
In practice any antenna model with a standard SMA(M) connector can be used with
this base. Taoglas has for 2G/3G/4G applications the TG.35, TG.30, TG.09, or TG.08
For Dual-band WiFi we recommend the TG35 or the GW71.
Contact your regional Taoglas sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com