Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB200C Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # MB200C
Description  Magneto 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MB200C Datasheet(HTML) 1 Page - Taoglas antenna solutions

  MB200C Datasheet HTML 1Page - Taoglas antenna solutions MB200C Datasheet HTML 2Page - Taoglas antenna solutions MB200C Datasheet HTML 3Page - Taoglas antenna solutions MB200C Datasheet HTML 4Page - Taoglas antenna solutions MB200C Datasheet HTML 5Page - Taoglas antenna solutions MB200C Datasheet HTML 6Page - Taoglas antenna solutions MB200C Datasheet HTML 7Page - Taoglas antenna solutions MB200C Datasheet HTML 8Page - Taoglas antenna solutions MB200C Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SPE-15-8-020/A/IC
Page 1 of 12
SPECIFICATION
Part No.
: MB.200.C
Product Name
: Magneto
Features
: 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
- Magnetic Mount
- Wall Mount
- Desktop Mount
SMA(F) Jacks for Antennas
SMA(M)Straight Plug on Cable
Standard RG316 1 meter cable length
Dimensions 80mm *96mm * 25mm
RoHS compliant
Desk Top/ Magnetic Mount
Wall Mount


Similar Part No. - MB200C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MB200 MICROSEMI-MB200 Datasheet
46Kb / 2P
RECTIFIERS
logo
Nihon Kaiheiki Industry...
MB2000 NKK-MB2000 Datasheet
1Mb / 23P
General Specifications
logo
MicroPower Direct, LLC
MB2000ERW MPD-MB2000ERW Datasheet
1Mb / 6P
Low Cost, 1 x 2 Inch 20W, 2:1 Input Range DC/DC Con vert ers
MB2000MRWRI4 MPD-MB2000MRWRI4 Datasheet
471Kb / 4P
Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
More results

Similar Description - MB200C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA251ABI001 TAOGLAS-MA251ABI001 Datasheet
8Mb / 54P
Sentinel Adhesive Mount 2*LTE MIMO Antenna
PAD71XA TAOGLAS-PAD71XA Datasheet
1Mb / 21P
GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
MA9908.A.001 TAOGLAS-MA9908.A.001 Datasheet
5Mb / 73P
GuardianX 1M 8in1 1*Active GNSS 4*LTE MIMO 3*WiFi MIMO
FXUB71.A.07.C.001 TAOGLAS-FXUB71.A.07.C.001_17 Datasheet
2Mb / 18P
Embedded Flexible 4G LTE MIMO 2*2 Antenna
MA251.A.BI.001 TAOGLAS-MA251.A.BI.001_18 Datasheet
8Mb / 54P
Sentinel Adhesive Mount 2*LTE MIMO Antenna
MA950.A.LBICG.005.WM TAOGLAS-MA950.A.LBICG.005.WM Datasheet
11Mb / 138P
Guardian 5in1 Wall Mount Antenna GNSS, 2*LTE MIMO and 2*Wi-Fi MIMO
PAD.71X.A TAOGLAS-PAD.71X.A_17 Datasheet
1Mb / 21P
GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
logo
Maxtena Inc.
NETZ4IN1 MAXTENA-NETZ4IN1 Datasheet
1,006Kb / 4P
CELLULAR/LTE/MIMO/WIFI ANTENNA
REV A
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
LTE-MIMO/WIFI-MIMO/GNSS
REV A
logo
PCTEL, Inc.
ALLDISC-S PCTEL-ALLDISC-S Datasheet
209Kb / 3P
2/3/4/5G and WIFI 2x MIMO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com