Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP2450104A02 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # SWLP2450104A02
Description  10mm Surface Mount 2.4 GHz Patch Antenna
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SWLP2450104A02 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  SWLP2450104A02 Datasheet HTML 1Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 2Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 3Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 4Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 5Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 6Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 7Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 8Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SPE-15-8-009/B/WY
Page 4 of 17
2. Specification Table
ELECTRICAL
Frequency Range
2400 MHz to 2500 MHz
Efficiency
24.80% @2455 MHz,
Edge 10.42% @2400 MHz, 11.40% @2500 MHz
Average Gain
-6 dBi @2450 MHz
VSWR
3 max @ Center Frequency
Peak Gain
-1.0 dBi typ.
Polarization
Linear
Impedance
50 Ohm
MECHANICAL
Dimensions
10mm X 10mm X 4mm
Weight
3.1 g
ENVIRONMENTAL RATINGS
Operating Temperature
-40∘C to + 105∘C
Storage Temperature
-40∘C to + 105∘C
*All tests done on a 12*16 mm ground plane. Antenna performance will vary
depending on ground-plane dimensions and housing.
Figure 1 – Antenna on Evaluation Board, Top View (left) and Bottom View (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com