Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP2450104A02 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # SWLP2450104A02
Description  10mm Surface Mount 2.4 GHz Patch Antenna
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SWLP2450104A02 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  SWLP2450104A02 Datasheet HTML 1Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 2Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 3Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 4Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 5Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 6Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 7Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 8Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SPE-15-8-009/B/WY
Page 3 of 17
In practice, the peak gain of an antenna tested in free-space can degrade by at least
1 or 2dBi when put inside a device. So ideally you should go for a slightly higher peak
gain antenna than mentioned on the module specification to compensate for this
effect, giving you better performance.
Upon testing of any of our antennas with your device and a selection of appropriate
layout, integration technique, or cable, Taoglas can make sure any of our antennas’
peak gain will be below the peak gain limits. Taoglas can then issue a specification
and/or report for the selected antenna in your device that will clearly show it
complying with the peak gain limits, so you can be assured you are meeting regulatory
requirements for that module.
For example, a module manufacturer may state that the antenna must have less than
2dBi peak gain, but you don’t need to select an embedded antenna that has a peak
gain of less than 2dBi in free-space. This will give you a less optimized solution. It is
better to go for a slightly higher free-space peak gain of 3dBi or more if available. Once
that antenna gets integrated into your device, performance will degrade below this
2dBi peak gain due to the effects of GND plane, surrounding components, and device
housing. If you want to be absolutely sure, contact Taoglas and we will test. Choosing
a Taoglas antenna with a higher peak gain than what is specified by the module
manufacturer and enlisting our help will ensure you are getting the best performance
possible without exceeding the peak gain limits.
Contact your regional Taoglas sales office for support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com