Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP2450104A02 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # SWLP2450104A02
Description  10mm Surface Mount 2.4 GHz Patch Antenna
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SWLP2450104A02 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  SWLP2450104A02 Datasheet HTML 1Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 2Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 3Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 4Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 5Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 6Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 7Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 8Page - Taoglas antenna solutions SWLP2450104A02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SPE-15-8-009/B/WY
Page 1 of 17
SPECIFICATION
PATENT PENDING
Part No.
: SWLP.2450.10.4.A.02
Product Name : 10mm Surface Mount 2.4 GHz Patch Antenna
Feature
: 2400 MHz to 2500 MHz SMT Ceramic Patch Antenna
Best solution for Bluetooth LE Wearable Applications
Works equally well on WIFI/WLAN/ISM/ZigBee
10*10*4mm
Tuned on a 12*16mm ground plane
Linearly Polarized
Patent Pending
RoHS Compliant


Similar Part No. - SWLP2450104A02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SWLP2450124B02 ETC2-SWLP2450124B02 Datasheet
1Mb / 13P
12mm*12mm*4mm 2.4GHz SMD Patch Antenna
logo
Taoglas antenna solutio...
SWLP2450124B02 TAOGLAS-SWLP2450124B02 Datasheet
1Mb / 18P
12*12*4mm 2.4GHz SMD Patch Antenna
More results

Similar Description - SWLP2450104A02

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
2.4 GHz Patch Antenna for ISM Band
logo
List of Unclassifed Man...
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
2.4 GHz panel antenna
logo
Johanson Technology Inc...
2450AT42E010B JOHANSON-2450AT42E010B Datasheet
370Kb / 4P
2.4 GHz Surface Mount
2450AT42E0100 JOHANSON-2450AT42E0100 Datasheet
371Kb / 4P
2.4 GHz Surface Mount
logo
Taoglas antenna solutio...
WPC25B35 TAOGLAS-WPC25B35 Datasheet
818Kb / 10P
2dBi 25mm 2.4 Ghz Patch Antenna
logo
Linx Technologies
ANT-2.4-LPW-125 LINX-ANT-2.4-LPW-125 Datasheet
1Mb / 12P
2.4 GHz Panel-Mount Dipole Antenna
2020
logo
Maxtena Inc.
MEA-2400-MM MAXTENA-MEA-2400-MM Datasheet
1Mb / 3P
2.4 GHz ISM Magnetic Mount antenna
REV A
MPA-254-WIFI MAXTENA-MPA-254-WIFI Datasheet
1Mb / 3P
WIFI 2.4/5 GHz Embedded Patch Antenna
REV A
logo
AVX Corporation
1003468 AVX-1003468 Datasheet
869Kb / 3P
Wi-Fi/BT/Zigbee Ceramic Patch 2.4 GHz Antenna
1/9/2023 TDS-ANT-0018 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com