Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP2450124B02 Datasheet(PDF) 6 Page - Taoglas antenna solutions

Part # SWLP2450124B02
Description  12*12*4mm 2.4GHz SMD Patch Antenna
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SWLP2450124B02 Datasheet(HTML) 6 Page - Taoglas antenna solutions

Back Button SWLP2450124B02 Datasheet HTML 2Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 3Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 4Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 5Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 6Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 7Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 8Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 9Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 10Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SPE-13-8-007/H/SS
Page 6 of 18
3.3 Radiation Patterns
XY Plane
XZ Plane
-40
-30
-20
-10
0
10
0
30
60
90
120
150
180
210
240
270
300
330
(dB)
2400MHz
2450MHz
2500MHz
-40
-30
-20
-10
0
10
0
30
60
90
120
150
180
210
240
270
300
330
(dB)
2400MHz
2450MHz
2500MHz
X
Y
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com