Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP2450124B02 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # SWLP2450124B02
Description  12*12*4mm 2.4GHz SMD Patch Antenna
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SWLP2450124B02 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  SWLP2450124B02 Datasheet HTML 1Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 2Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 3Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 4Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 5Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 6Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 7Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 8Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SPE-13-8-007/H/SS
Page 1 of 18
SPECIFICATION
Part No.
:
SWLP.2450.12.4.B.02
Product Name
:
12*12*4mm 2.4GHz SMD Patch
Antenna
Features
:
2.4 - 2.5GHz Patch Antenna
For Wi-Fi/WLAN/ISM/Zigbee Industrial Applications
High Gain 2dBi
Linearly Polarized
ROHS Compliant
Top
Bottom


Similar Part No. - SWLP2450124B02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SWLP2450124B02 ETC2-SWLP2450124B02 Datasheet
1Mb / 13P
12mm*12mm*4mm 2.4GHz SMD Patch Antenna
More results

Similar Description - SWLP2450124B02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10192-L ETC2-A10192-L Datasheet
559Kb / 10P
Fusca 2.4GHz SMD Antenna
GP1575124A02 ETC2-GP1575124A02 Datasheet
589Kb / 12P
4mm thick GPS Patch Antenna, 1575MHz
GP1575154B02 ETC2-GP1575154B02 Datasheet
540Kb / 9P
15mm,15mm,4mm 1575mhz GPS Patch Antenna
GP1575254A02 ETC2-GP1575254A02 Datasheet
820Kb / 8P
4mm thick GPS Patch Antenna
IP1621254A02 ETC2-IP1621254A02 Datasheet
1Mb / 12P
4mm thick Iridium Patch Antenna, 1621MHz
SWLP2450124B02 ETC2-SWLP2450124B02 Datasheet
1Mb / 13P
12mm*12mm*4mm 2.4GHz SMD Patch Antenna
logo
Abracon Corporation
APAE1575R1240ABDD1-T ABRACON-APAE1575R1240ABDD1-T Datasheet
1Mb / 3P
1575.42MHZ; 12 x 12 x 4mm GPS Patch Antenna
01.13.14
logo
Taoglas antenna solutio...
CGGP.25.4.A.02 TAOGLAS-CGGP.25.4.A.02 Datasheet
688Kb / 12P
4mm thick GPS/GLONASS Patch Antenna
GP1575.12.4.A.02 TAOGLAS-GP1575.12.4.A.02 Datasheet
655Kb / 12P
4mm thick GPS Patch Antenna
DSGP1575124A02 TAOGLAS-DSGP1575124A02 Datasheet
1Mb / 17P
GPS L1 / GALILEO E1 1575MHz 12*12*4mm Ceramic Patch SMT Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com