Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP2450124B02 Datasheet(PDF) 17 Page - Taoglas antenna solutions

Part # SWLP2450124B02
Description  12*12*4mm 2.4GHz SMD Patch Antenna
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SWLP2450124B02 Datasheet(HTML) 17 Page - Taoglas antenna solutions

Back Button SWLP2450124B02 Datasheet HTML 10Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 11Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 12Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 13Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 14Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 15Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 16Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 17Page - Taoglas antenna solutions SWLP2450124B02 Datasheet HTML 18Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
SPE-13-8-007/H/SS
Page 17 of 18
7. Recommended Reflow Temperature Profile
SWLP.12B can be assembled following Pb-free assembly. According to the Standard
IPC/JEDEC J-STD-020C, the temperature profile suggested is as follow:
Phase
Profile Features
Pb-Free Assembly (SnAgCu)
PREHEAT
Temperature Min(Tsmin)
Temperature Max(Tsmax)
Time(ts) from (Tsmin to Tsmax)
150°C
200°C
60-120 seconds
RAMP-UP
Avg. Ramp-up Rate (Tsmax to
TP)
3°C/second(max)
REFLOW
Temperature(TL)
Total Time above TL (tL)
217°C
30-100 seconds
PEAK
Temperature(TP)
Time(tp)
260°C
2-5 seconds
RAMP-DOWN
Rate
3°C/second(max)
Time from 25°C to Peak Temperature
8 minutes max.
Composition of solder paste
96.5Sn/3Ag/0.5Cu
Solder Paste Model
SHENMAO PF606-P26
Soldering Iron condition: Soldering iron temperature 270°C±10°C.
Apply preheating at 120°C for 2-3 minutes. Finish soldering for each terminal within 3 seconds, if soldering iron
temperature over270°C±10°C or 3 seconds, it will make cause component surface peeling or damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com