Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDZ11B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDZ11B
Description  Total power dissipation: max. 400 mW
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDZ11B Datasheet(HTML) 1 Page - NXP Semiconductors

  PDZ11B Datasheet HTML 1Page - NXP Semiconductors PDZ11B Datasheet HTML 2Page - NXP Semiconductors PDZ11B Datasheet HTML 3Page - NXP Semiconductors PDZ11B Datasheet HTML 4Page - NXP Semiconductors PDZ11B Datasheet HTML 5Page - NXP Semiconductors PDZ11B Datasheet HTML 6Page - NXP Semiconductors PDZ11B Datasheet HTML 7Page - NXP Semiconductors PDZ11B Datasheet HTML 8Page - NXP Semiconductors PDZ11B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2002 Feb 18
2004 Mar 22
DISCRETE SEMICONDUCTORS
PDZ-B series
Voltage regulator diodes


Similar Part No. - PDZ11B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDZ11B PHILIPS-PDZ11B Datasheet
63Kb / 8P
Voltage regulator diodes
1998 Apr 23
logo
Pan Jit International I...
PDZ11B PANJIT-PDZ11B Datasheet
117Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PDZ11B PANJIT-PDZ11B Datasheet
294Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
NXP Semiconductors
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
Voltage regulator diodes
2004 Mar 22
logo
Nexperia B.V. All right...
PDZ11B NEXPERIA-PDZ11B Datasheet
256Kb / 11P
Single Zener diodes
Rev. 5 - 21 December 2022
More results

Similar Description - PDZ11B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
SILICON 400 mW ZENER DIODES
logo
List of Unclassifed Man...
4CX300Y ETC2-4CX300Y Datasheet
99Kb / 1P
Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt
logo
Texas Instruments
TLC1550I TI1-TLC1550I_14 Datasheet
329Kb / 17P
Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
Total power dissipation: max. 500 mW
logo
Inchange Semiconductor ...
2SA679 ISC-2SA679 Datasheet
82Kb / 2P
High Power Dissipation-: PC= 100W(Max.)@TC=25C
2SA680 ISC-2SA680 Datasheet
82Kb / 2P
High Power Dissipation-: PC= 100W(Max.)@TC=25C
logo
NXP Semiconductors
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
High power dissipation (830 mW)
2001 Nov 19
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
29-Nov-16
logo
First Components Intern...
MPSA44 FCI-MPSA44 Datasheet
185Kb / 2P
Power Dissipation Pcm= 625 mW (Ta=25C)
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com