Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT03A Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MAT03A
Description  MAT.03A Embedded Active GPS and Cellular Antenna Assembly and Reference Board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MAT03A Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MAT03A Datasheet HTML 1Page - Taoglas antenna solutions MAT03A Datasheet HTML 2Page - Taoglas antenna solutions MAT03A Datasheet HTML 3Page - Taoglas antenna solutions MAT03A Datasheet HTML 4Page - Taoglas antenna solutions MAT03A Datasheet HTML 5Page - Taoglas antenna solutions MAT03A Datasheet HTML 6Page - Taoglas antenna solutions MAT03A Datasheet HTML 7Page - Taoglas antenna solutions MAT03A Datasheet HTML 8Page - Taoglas antenna solutions MAT03A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SPE-14-8-103/A/MC
Page 4 of 25
2.2 PA.25 Cellular Antenna
Electrical*
824–960 MHz
1710-
1880MHz
1850-1990MHz
1920-2170MHz
Peak Gain (dBi)
0.48
2.13
2.54
2.25
Efficiency (%)
51.41
57.79
53.27
48.34
Return loss
<-5 dB
Impedance
50Ω
Polarization
Linear
Mechanical
EVB Connector
SMA(F)
Dimensions (mm)
35 x 6 x 5
Termination
Ag (environmental-friendly Pb free)
Material
Ceramic
Environmental
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 105°C
Relative Humidity
Non-condensing 65°C 95% RH
RoHs Compliant
Yes
*Ground plane size 110x40 mm
2.3 ASGP.1575.25B.4.A.01 GPS Antenna
Electrical Specifications - Antenna*
Polarization
RHCP
Axial ratio
Max 3.0dB@zenith
Input Voltage
Min:1.8V Typ.: 3.0V Max: 5.5V
Gain
Typ. -1.5dBic @ Zenith
Mechanical Specifications - Antenna
Dimensions (mm)
25 x 25 x 4
Connection
SMT via solder pads
Environmental Specifications - Antenna
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to + 85°C
Relative Humidity
40% to 95%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com