Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT03A Datasheet(PDF) 23 Page - Taoglas antenna solutions

Part # MAT03A
Description  MAT.03A Embedded Active GPS and Cellular Antenna Assembly and Reference Board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MAT03A Datasheet(HTML) 23 Page - Taoglas antenna solutions

Back Button MAT03A Datasheet HTML 17Page - Taoglas antenna solutions MAT03A Datasheet HTML 18Page - Taoglas antenna solutions MAT03A Datasheet HTML 19Page - Taoglas antenna solutions MAT03A Datasheet HTML 20Page - Taoglas antenna solutions MAT03A Datasheet HTML 21Page - Taoglas antenna solutions MAT03A Datasheet HTML 22Page - Taoglas antenna solutions MAT03A Datasheet HTML 23Page - Taoglas antenna solutions MAT03A Datasheet HTML 24Page - Taoglas antenna solutions MAT03A Datasheet HTML 25Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
SPE-14-8-103/A/MC
Page 23 of 25
8. Matching Circuit (PA.25)
Circuit Symbol
Size
Description
L1
0402
6.8nH inductor (001513A000055A)
R1
0402
0Ω resistor (001511J010012A)
Figure 20. Recommended matching circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com