Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT03A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # MAT03A
Description  MAT.03A Embedded Active GPS and Cellular Antenna Assembly and Reference Board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MAT03A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  MAT03A Datasheet HTML 1Page - Taoglas antenna solutions MAT03A Datasheet HTML 2Page - Taoglas antenna solutions MAT03A Datasheet HTML 3Page - Taoglas antenna solutions MAT03A Datasheet HTML 4Page - Taoglas antenna solutions MAT03A Datasheet HTML 5Page - Taoglas antenna solutions MAT03A Datasheet HTML 6Page - Taoglas antenna solutions MAT03A Datasheet HTML 7Page - Taoglas antenna solutions MAT03A Datasheet HTML 8Page - Taoglas antenna solutions MAT03A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SPE-14-8-103/A/MC
Page 1 of 25
SPECIFICATION
Part Number:
MAT.03A
Product Name: MAT.03A Embedded Active GPS and Cellular Antenna
Assembly and Reference Board
Features:
2in1 Embedded Antenna Solution
Two SMA(F) connectors for Output
GPS Antenna – ASGP.1575.25B.4.A.01
 SMT Active GPS Patch Antenna
 High performance 28dB LNA
 Ultra low power consumption
 Patch 25x25x4mm
Cellular Antenna- PA.25 Hexa-Band Cellular SMT
Antenna
 2G and 3G Bands
 GSM/GPRS/CDMA/HSPA
 High efficiency Multi-band SMT antenna
 35x5x6mm
RoHS Compliant
5.


Similar Part No. - MAT03A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT03AH AD-MAT03AH Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
More results

Similar Description - MAT03A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30136 WPI-WPANT30136 Datasheet
110Kb / 2P
3G Cellular, Wi-Fi and GPS Combo Antenna
logo
Taoglas antenna solutio...
MA204.A.LB.002 TAOGLAS-MA204.A.LB.002_18 Datasheet
1Mb / 23P
Stingray 2in1 GPS/GLONASS/GALILEO and Cellular Adhesive Antenna
logo
TE Connectivity Ltd
956-510-5XX TEC-956-510-5XX Datasheet
315Kb / 2P
GPS Embedded Antenna
logo
Maxtena Inc.
MIA-1516-C MAXTENA-MIA-1516-C Datasheet
1Mb / 3P
GPS/GLONASS ACTIVE EMBEDDED ANTENNA
REV A
MIA-GPS-10-C MAXTENA-MIA-GPS-10-C Datasheet
1Mb / 3P
Embedded GPS Active Antenna ??10mm
REV A
MIA-GPS-12-C MAXTENA-MIA-GPS-12-C Datasheet
1Mb / 3P
Embedded GPS Active Antenna ??12mm
REV A
MIA-GPS-15-C MAXTENA-MIA-GPS-15-C Datasheet
1Mb / 3P
EMBEDDED ACTIVE GPS MICROSTRIP ANTENNA
REV A
MIA-GPS-18-C MAXTENA-MIA-GPS-18-C Datasheet
1Mb / 3P
Embedded GPS Active Antenna ??18mm
REV A
MIA-GPS-25-C MAXTENA-MIA-GPS-25-C Datasheet
1Mb / 3P
Embedded GPS Active Antenna ??25mm
REV A
logo
NimbeLink Corp.
CRJKS0010-LNA-G65U NIMBELINK-CRJKS0010-LNA-G65U Datasheet
512Kb / 2P
CRJKS0010 Embedded GPS Antenna Embedded Ceramic GPS Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com