Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3140 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL3140
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3140 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL3140 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Solder Reflow Temperature Profile
Regulatory Information
The HCPL-3140/HCPL-0314 are
pending approval by the
following organizations:
VDE
Approval under VDE 0884/06.92
with VIORM = 630 Vpeak
(HCPL-3140) and 566 Vpeak for
HCPL-0314.
UL
Approval under UL 1577,
component recognition program
up to VISO = 2500 Vrms expected
prior to product release. File
E55361.
CSA
Approval under CSA Component
Acceptance Notice #5, File CA
88324 expected prior to product
release.
VDE 0884 Insulation Characteristics (HCPL-3140 Option 060)
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 150 Vrms
I - IV
for rated mains voltage
≤ 300 Vrms
I - III
for rated mains voltage
≤ 600 Vrms
I-II
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
630
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875=VPR, 100% Production Test with
VPR
1181
Vpeak
tm=1 sec, Partial discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5=VPR, Type and Sample Test, tm=60 sec,
VPR
945
Vpeak
Partial discharge < 5 pC
Highest Allowable Overvoltage
VIOTM
6000
Vpeak
(Transient Overvoltage tini = 10 sec)
Safety-limiting values - maximum values allowed in the
event of a failure.
Case Temperature
TS
175
°C
Input Current**
IS,INPUT
230
mA
Output Power**
PS, OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
Ω
* Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (VDE
0884) for a detailed description of Method a and Method b partial discharge test profiles.
** Refer to the following figure for dependence of PS and IS on ambient temperature.
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com