Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3140 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL3140
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3140 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL3140 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
3
SHIELD
2
4
8
6
7
5
N/C
CATHODE
ANODE
N/C
VCC
VO
N.C.
VEE
HCPL-3140/HCPL-0314
Agilent HCPL-3140/HCPL-0314
0.4 Amp Output Current IGBT
Gate Drive Optocoupler
Data Sheet
Features
• 0.4 A minimum peak output
current
• High speed response:
0.7
µs maximum propagation delay
over temperature range
• Ultra high CMR:
minimum 10 kV/
µs at VCM = 1 kV
• Bootstrappable supply current:
maximum 3 mA
• Wide operating temperature
range: –40
°C to 100°C
• Wide VCC operating range:
10 V to 30 V over temp. range
• Available in DIP8 and SO8
package
• Safety approvals: UL approval
pending, 2500 Vrms for 1 minute.
CSA approval pending. VDE
approval pending VIORM = 630 Vpeak
(HCPL-3140)
Applications
• Isolated IGBT/Power MOSFET
gate drive
• AC and brushless DC motor drives
• Inverters for home appliances
• Industrial inverters
• Switch Mode Power Supplies
(SMPS)
Truth Table
LED
VO
OFF
LOW
ON
HIGH
A 0.1
µF bypass capacitor must be connected between pins VCC and VEE.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage
and/or degradation which may be induced by ESD.
Description
The HCPL-3140/HCPL-0314
familyofdevicesconsistsofaGaAsPLED
optically coupled to an integrated
circuit with a power output stage.
These optocouplers are ideally
suited for driving power IGBTs and
MOSFETs used in motor control
inverter applications. The high
operating voltage range of the
Functional Diagram
output stage provides the drive
voltages required by gate
controlled devices. The voltage
and current supplied by this
optocoupler makes it ideally
suited for directly driving small
or medium power IGBTs. For
IGBTs with higher ratings, the
HCPL-3150 (0.5 A) or
HCPL-3120 (2.0 A) optocouplers
can be used.


Similar Part No. - HCPL3140

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3150 HP-HCPL3150 Datasheet
253Kb / 15P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results

Similar Description - HCPL3140

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com