Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3140 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL3140
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3140 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL3140 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL3140 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Figure 21. Optocoupler Input to Output Capacitance Model
for Unshielded Optocouplers.
Figure 22. Optocoupler Input to Output Capacitance Model
for Shielded Optocouplers.
Figure 23. Equivalent Circuit for Figure 17 During Common Mode Transient.
Figure 24. Not Recommended Open Collector Drive Circuit.
Figure 25. Recommended LED Drive Circuit for Ultra-High CMR IPM
Dead Time and Propagation Delay Specifications.
1
3
2
4
8
6
7
5
CLEDP
CLEDN
1
3
2
4
8
6
7
5
CLEDP
CLEDN
SHIELD
CLEDO1
CLEDO2
Rg
1
3
VSAT
2
4
8
6
7
5
+
VCM
ILEDP
CLEDP
CLEDN
SHIELD
* THE ARROWS INDICATE THE DIRECTION
OF CURRENT FLOW DURING –dVCM/dt.
+5 V
+
–
VCC = 18 V
• • •
• • •
0.1
µF
+
–
–
1
3
2
4
8
6
7
5
CLEDP
CLEDN
SHIELD
+5 V
Q1
ILEDN
1
3
2
4
8
6
7
5
CLEDP
CLEDN
SHIELD
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com