Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3150 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL3150 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL3150
Download  HCPL3150 Download
File Size   253.57 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL3150 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL3150
Download  HCPL3150 Click to download

File Size   253.57 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5 Amp Output Current IGBT Gate Drive Optocoupler

HCPL3150 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL3150 Product details

Description
The HCPL-3120 contains a GaAsP LED while the HCPL-J312 and the HCNW3120 contain an AlGaAs LED. The LED is optically coupled to an integrated circuit with a power output stage. These optocouplers are ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications.

Features
• 2.0 A Minimum Peak Output Current
• 15 kV/µs Minimum Common Mode Rejection (CMR) at VCM = 1500 V
• 0.5 V Maximum Low Level Output Voltage (VOL)
    Eliminates Need for Negative Gate Drive
• ICC = 5 mA Maximum Supply Current
• Under Voltage Lock-Out Protection (UVLO) with Hysteresis
• Wide Operating VCC Range: 15 to 30 Volts
• 500 ns Maximum Switching Speeds
• Industrial Temperature Range: -40°C to 100°C
• Safety Approval
    UL Recognized
        2500 Vrms for 1 min. for HCPL-3120
        3750 Vrms for 1 min. for HCPL-J312
        5000 Vrms for 1 min. for HCNW3120
    CSA Approval
    VDE 0884 Approved
        VIORM = 630 Vpeak for HCPL-3120 (Option 060)
        VIORM = 891 Vpeak for HCPL-J312
        VIORM = 1414 Vpeak for HCNW3120
    BSI Certified (HCNW3120 only) (Pending)

Applications
• IGBT/MOSFET Gate Drive
• AC/Brushless DC Motor Drives
• Industrial Inverters
• Switch Mode Power Supplies




Similar Part No. - HCPL3150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL3100 HP-HCPL3100 Datasheet
233Kb / 10P
Power MOSFET/IGBT Gate Drive Optocouplers
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3140 HP-HCPL3140 Datasheet
249Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results


Similar Description - HCPL3150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
0.6 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com