Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3150 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3150 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL3150 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
1-203
Notes:
1. Derate linearly above 70
°C free-air
temperature at a rate of 0.3 mA/
°C.
2. Maximum pulse width = 10
µs,
maximum duty cycle = 0.2%. This
value is intended to allow for
component tolerances for designs
with IO peak minimum = 0.5 A. See
Applications section for additional
details on limiting IOH peak.
3. Derate linearly above 70
°C free-air
temperature at a rate of 4.8 mW/
°C.
4. Derate linearly above 70
°C free-air
temperature at a rate of 5.4 mW/
°C.
The maximum LED junction tempera-
ture should not exceed 125
°C.
5. Maximum pulse width = 50
µs,
maximum duty cycle = 0.5%.
6. In this test VOH is measured with a dc
load current. When driving capacitive
loads VOH will approach VCC as IOH
approaches zero amps.
7. Maximum pulse width = 1 ms,
maximum duty cycle = 20%.
8. In accordance with UL1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 3000 Vrms for 1 second (leakage
detection current limit, II-O ≤ 5 µA).
This test is performed before the
100% production test for partial
discharge (method b) shown in the
VDE 0884 Insulation Characteristics
Table, if applicable.
9. Device considered a two-terminal
device: pins 1, 2, 3, and 4 shorted
together and pins 5, 6, 7, and 8
shorted together.
10. The difference between tPHL and tPLH
between any two HCPL-3150 parts
under the same test condition.
11. Pins 1 and 4 need to be connected to
LED common.
12. Common mode transient immunity in
the high state is the maximum
tolerable |dVCM/dt| of the common
mode pulse, VCM, to assure that the
output will remain in the high state
(i.e., VO > 15.0 V).
13. Common mode transient immunity in
a low state is the maximum tolerable
|dVCM/dt| of the common mode
pulse, VCM, to assure that the output
will remain in a low state (i.e.,
VO < 1.0 V).
14. This load condition approximates the
gate load of a 1200 V/25 A IGBT.
15. Pulse Width Distortion (PWD) is
defined as |tPHL-tPLH| for any given
device.
Figure 4. VOL vs. Temperature.
Figure 5. IOL vs. Temperature.
Figure 6. VOL vs. IOL.
-40
0
TA – TEMPERATURE – °C
100
0.8
0.4
-20
1.0
020
40
0.2
60
80
VF(OFF) = -3.0 to 0.8 V
VOUT = 2.5 V
VCC = 15 to 30 V
VEE = 0 V
0.6
-40
0
TA – TEMPERATURE – °C
100
0.8
0.6
-20
1.0
020
40
0.2
60
80
VF(OFF) = -3.0 to 0.8 V
IOUT = 100 mA
VCC = 15 to 30 V
VEE = 0 V
0.4
0
0
IOL – OUTPUT LOW CURRENT – A
1.0
4
0.2
5
0.4
0.6
1
0.8
VF(OFF) = -3.0 to 0.8 V
VCC = 15 to 30 V
VEE = 0 V
2
100 °C
25 °C
-40 °C
3
Figure 1. VOH vs. Temperature.
Figure 2. IOH vs. Temperature.
Figure 3. VOH vs. IOH.
-40
-4
TA – TEMPERATURE – °C
100
-1
-2
-20
0
020
40
-3
60
80
IF = 7 to 16 mA
IOUT = -100 mA
VCC = 15 to 30 V
VEE = 0 V
-40
0.25
TA – TEMPERATURE – °C
100
0.45
0.40
-20
0.50
020
40
0.30
60
80
IF = 7 to 16 mA
VOUT = VCC - 4 V
VCC = 15 to 30 V
VEE = 0 V
0.35
0
-6
IOH – OUTPUT HIGH CURRENT – A
1.0
-2
-3
0.2
-1
0.4
0.6
-5
0.8
IF = 7 to 16 mA
VCC = 15 to 30 V
VEE = 0 V
-4
100 °C
25 °C
-40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com