Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3150 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3150 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL3150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
1-206
Figure 25. Recommended LED Drive and Application Circuit.
Applications Information
Eliminating Negative IGBT
Gate Drive
To keep the IGBT firmly off, the
HCPL-3150 has a very low
maximum VOL specification of
1.0 V. The HCPL-3150 realizes
this very low VOL by using a
DMOS transistor with 4
Ω
(typical) on resistance in its pull
down circuit. When the
HCPL-3150 is in the low state,
the IGBT gate is shorted to the
emitter by Rg + 4
Ω. Minimizing
Rg and the lead inductance from
the HCPL-3150 to the IGBT gate
and emitter (possibly by
mounting the HCPL-3150 on a
small PC board directly above the
IGBT) can eliminate the need for
negative IGBT gate drive in many
applications as shown in Figure
25. Care should be taken with
such a PC board design to avoid
routing the IGBT collector or
emitter traces close to the HCPL-
3150 input as this can result in
unwanted coupling of transient
signals into the HCPL-3150 and
degrade performance. (If the
IGBT drain must be routed near
the HCPL-3150 input, then the
LED should be reverse-biased
when in the off state, to prevent
the transient signals coupled
from the IGBT drain from turning
on the HCPL-3150.)
Figure 24. CMR Test Circuit and Waveforms.
0.1 µF
VCC = 15
to 30 V
47
Ω
1
3
IF = 7 to 16 mA
VO
+
–
+
–
2
4
8
6
7
5
10 KHz
50% DUTY
CYCLE
500
Ω
3 nF
IF
VOUT
tPHL
tPLH
tf
tr
10%
50%
90%
Figure 23. tPLH, tPHL, tr, and tf Test Circuit and Waveforms.
0.1 µF
VCC = 30 V
1
3
IF
VO
+
–
+
–
2
4
8
6
7
5
A
+
B
VCM = 1500 V
5 V
VCM
∆t
0 V
VO
SWITCH AT B: IF = 0 mA
VO
SWITCH AT A: IF = 10 mA
VOL
VOH
∆t
VCM
δV
δt
=
+ HVDC
3-PHASE
AC
- HVDC
0.1 µF
VCC = 18 V
1
3
+
–
2
4
8
6
7
5
270
Ω
HCPL-3150
+5 V
CONTROL
INPUT
Rg
Q1
Q2
74XXX
OPEN
COLLECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com