Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3150 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3150 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL3150 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
1-204
0
0
IF – FORWARD LED CURRENT – mA
5
25
15
1
30
2
5
34
20
10
Figure 15. Transfer Characteristics.
Figure 14. Propagation Delay vs. Cg.
Figure 13. Propagation Delay vs. Rg.
-40
1.5
TA – TEMPERATURE – °C
100
3.0
2.5
-20
3.5
020
40
2.0
60
80
VCC = 30 V
VEE = 0 V
IF = 10 mA for ICCH
IF = 0 mA for ICCL
ICCH
ICCL
15
1.5
VCC – SUPPLY VOLTAGE – V
30
3.0
2.5
3.5
20
2.0
25
IF = 10 mA for ICCH
IF = 0 mA for ICCL
TA = 25 °C
VEE = 0 V
ICCH
ICCL
-40
0
TA – TEMPERATURE – °C
100
3
2
-20
4
020
40
1
60
80
5
VCC = 15 TO 30 V
VEE = 0 V
OUTPUT = OPEN
Figure 10. Propagation Delay vs. VCC.
Figure 11. Propagation Delay vs. IF.
Figure 12. Propagation Delay vs.
Temperature.
Figure 7. ICC vs. Temperature.
Figure 8. ICC vs. VCC.
Figure 9. IFLH vs. Temperature.
15
100
VCC – SUPPLY VOLTAGE – V
30
400
300
500
20
200
25
IF = 10 mA
TA = 25 °C
Rg = 47
Ω
Cg = 3 nF
DUTY CYCLE = 50%
f = 10 kHz
TPLH
TPHL
6
100
IF – FORWARD LED CURRENT – mA
16
400
300
500
10
200
12
VCC = 30 V, VEE = 0 V
Rg = 47
Ω, Cg = 3 nF
TA = 25 °C
DUTY CYCLE = 50%
f = 10 kHz
TPLH
TPHL
14
8
-40
100
TA – TEMPERATURE – °C
100
400
300
-20
500
020
40
200
60
80
TPLH
TPHL
IF(ON) = 10 mA
IF(OFF) = 0 mA
VCC = 30 V, VEE = 0 V
Rg = 47
Ω, Cg = 3 nF
DUTY CYCLE = 50%
f = 10 kHz
0
100
Rg – SERIES LOAD RESISTANCE –
Ω
200
400
300
50
500
100
200
150
TPLH
TPHL
VCC = 30 V, VEE = 0 V
TA = 25 °C
IF = 10 mA
Cg = 3 nF
DUTY CYCLE = 50%
f = 10 kHz
0
100
Cg – LOAD CAPACITANCE – nF
100
400
300
20
500
40
200
60
80
TPLH
TPHL
VCC = 30 V, VEE = 0 V
TA = 25 °C
IF = 10 mA
Rg = 47
Ω
DUTY CYCLE = 50%
f = 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com