Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3150 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3150 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL3150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
1-205
Figure 16. Input Current vs. Forward
Voltage.
Figure 22. UVLO Test Circuit.
0.1 µF
VCC = 15
to 30 V
1
3
IF = 7 to
16 mA
+
–
2
4
8
6
7
5
100 mA
VOH
0.1 µF
VCC = 15
to 30 V
1
3
IF
+
–
2
4
8
6
7
5
VO > 5 V
Figure 17. IOH Test Circuit.
0.1 µF
VCC = 15
to 30 V
1
3
IF = 7 to
16 mA
+
–
2
4
8
6
7
5
+
–
4 V
IOH
Figure 18. IOL Test Circuit.
Figure 19. VOH Test Circuit.
0.1 µF
VCC = 15
to 30 V
1
3
+
–
2
4
8
6
7
5
2.5 V
IOL
+
–
0.1 µF
VCC = 15
to 30 V
1
3
+
–
2
4
8
6
7
5
100 mA
VOL
Figure 20. VOL Test Circuit.
Figure 21. IFLH Test Circuit.
1.10
0.001
VF – FORWARD VOLTAGE – V
1.60
10
1.0
0.1
1.20
1000
1.30
1.40
1.50
TA = 25°C
IF
VF
+
–
0.01
100
0.1 µF
VCC
1
3
IF = 10 mA
+
–
2
4
8
6
7
5
VO > 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com