Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3150 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3150 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL3150 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1-197
H
0.5 Amp Output Current IGBT
Gate Drive Optocoupler
Technical Data
HCPL-3150
Features
• 0.5 A Minimum Peak Output
Current
• 15 kV/
µs Minimum Common
Mode Rejection (CMR) at
VCM = 1500 V
• 1.0 V Maximum Low Level
Output Voltage (VOL)
Eliminates Need for
Negative Gate Drive
• ICC = 5 mA Maximum Supply
Current
• Under Voltage Lock-Out
Protection (UVLO) with
Hysteresis
• Wide Operating VCC Range:
15 to 30 Volts
• 500 ns Maximum Switching
Speeds
• Industrial Temperature
Range:
-40
°C to 100°C
• Safety and Regulatory
Approval:
UL Recognized
2500 Vrms for 1 min. per
UL1577
VDE 0884 Approved with
VIORM = 630 Vpeak
(Option 060 only)
CSA Approved
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Applications
• Isolated IGBT/MOSFET
Gate Drive
• AC and Brushless DC Motor
Drives
• Industrial Inverters
• Switch Mode Power
Supplies (SMPS)
Description
The HCPL-3150 consists of a
GaAsP LED optically coupled to
an integrated circuit with a power
output stage. This optocoupler is
ideally suited for driving power
IGBTs and MOSFETs used in
motor control inverter applica-
tions. The high operating voltage
range of the output stage pro-
vides the drive voltages required
by gate controlled devices. The
voltage and current supplied by
this optocoupler makes it ideally
suited for directly driving IGBTs
with ratings up to 1200 V/50 A.
For IGBTs with higher ratings,
the HCPL-3120 can be used to
drive a discrete power stage
which drives the IGBT gate.
Truth Table
VCC - VEE
VCC - VEE
“Positive Going”
“Negative-Going”
LED
(i.e., Turn-On)
(i.e., Turn-Off)
VO
OFF
0 - 30 V
0 - 30 V
LOW
ON
0 - 11 V
0 - 9.5 V
LOW
ON
11 - 13.5 V
9.5 - 12 V
TRANSITION
ON
13.5 - 30 V
12 - 30 V
HIGH
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
Functional Diagram
1
3
SHIELD
2
4
8
6
7
5
N/C
CATHODE
ANODE
N/C
VCC
VO
VO
VEE
5965-4780E


Similar Part No. - HCPL3150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3140 HP-HCPL3140 Datasheet
249Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results

Similar Description - HCPL3150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
0.6 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com