Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3150 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3150 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL3150 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1-199
VDE 0884 Insulation Characteristics (Option 060 Only)
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 300 Vrms
I-IV
for rated mains voltage
≤ 600 Vrms
I-III
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
630
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
VPR
1181
Vpeak
Partial discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5 = VPR, Type and Sample Test, tm = 60 sec,
VPR
945
Vpeak
Partial discharge < 5 pC
Highest Allowable Overvoltage*
VIOTM
6000
Vpeak
(Transient Overvoltage tini = 10 sec)
Safety-Limiting Values – Maximum Values Allowed in the Event
of a Failure, Also See Figure 37, Thermal Derating Curve.
Case Temperature
TS
175
°C
Input Current
IS, INPUT
230
mA
Output Power
PS, OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 109
Ω
*Refer to the front of the optocoupler section of the current Catalog, under Product Safety Regulations section, (VDE 0884) for a
detailed description of Method a and Method b partial discharge test profiles.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in
application.
Regulatory Information
The HCPL-3150 has been
approved by the following
organizations:
UL
Recognized under UL 1577,
Component Recognition
Program, File E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File CA
88324.
VDE (Option 060 only)
Approved under VDE 0884/06.92
with VIORM = 630 Vpeak.
Reflow Temperature Profile
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456789
10
11
12
MAXIMUM SOLDER REFLOW THERMAL PROFILE
(NOTE: USE OF NON-CHLORINE ACTIVATED FLUXES IS RECOMMENDED.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com