Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3150 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3150 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL3150 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
1-202
Switching Specifications (AC)
Over recommended operating conditions (TA = -40 to 100°C, IF(ON) = 7 to 16 mA, VF(OFF) = -3.0 to 0.8 V,
VCC = 15 to 30 V, VEE = Ground) unless otherwise specified.
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
tPLH
0.10
0.30
0.50
µs
Rg = 47
Ω,
10, 11,
14
Time to High
Cg = 3 nF,
12, 13
Output Level
f = 10 kHz,
14, 23
Duty Cycle = 50%
Propagation Delay
tPHL
0.10
0.27
0.50
µs
Time to Low
Output Level
Pulse Width
PWD
0.3
µs15
Distortion
Propagation Delay
PDD
-0.35
0.35
µs
34,35
10
Difference Between (tPHL - tPLH)
Any Two Parts
Rise Time
tr
0.1
µs23
Fall Time
tf
0.1
µs
UVLO Turn On
tUVLO ON
0.8
µsV
O > 5 V,
22
Delay
IF = 10 mA
UVLO Turn Off
tUVLO OFF
0.6
µsV
O < 5 V,
Delay
IF = 10 mA
Output High Level
|CMH|
15
30
kV/
µsT
A = 25°C,
24
11, 12
Common Mode
IF = 10 to 16 mA,
Transient
VCM = 1500 V,
Immunity
VCC = 30 V
Output Low Level
|CML|
15
30
kV/
µsT
A = 25°C,
11, 13
Common Mode
VCM = 1500 V,
Transient
VF = 0 V,
Immunity
VCC = 30 V
Package Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input-Output
VISO
2500
Vrms
RH < 50%,
8, 9
Momentary
t = 1 min.,
Withstand Voltage**
TA = 25°C
Resistance
RI-O
1012
Ω
VI-O = 500 VDC
9
(Input - Output)
Capacitance
CI-O
0.6
pF
f = 1 MHz
(Input - Output)
LED-to-Case
θ
LC
391
°C/W
Thermocouple
28
Thermal Resistance
LED-to-Detector
θ
LD
439
°C/W
Thermal Resistance
Detector-to-Case
θ
DC
119
°C/W
Thermal Resistance
*All typical values at TA = 25°C and VCC - VEE = 30 V, unless otherwise noted.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to your equipment level safety specification or HP Application Note
1074 entitled “Optocoupler Input-Output Endurance Voltage.”
located at center
underside of
package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com