Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL3150 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3150 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL3150 Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
1-209
TJE = LED junction temperature
TJD = detector IC junction temperature
TC = case temperature measured at the center of the package bottom
θ
LC = LED-to-case thermal resistance
θ
LD = LED-to-detector thermal resistance
θ
DC = detector-to-case thermal resistance
θ
CA = case-to-ambient thermal resistance
∗θ
CA will depend on the board design and the placement of the part.
CMR with the LED On
(CMRH)
A high CMR LED drive circuit
must keep the LED on during
common mode transients. This is
achieved by overdriving the LED
current beyond the input
threshold so that it is not pulled
below the threshold during a
transient. A minimum LED cur-
rent of 10 mA provides adequate
margin over the maximum IFLH of
5 mA to achieve 15 kV/
µs CMR.
CMR with the LED Off
(CMRL)
A high CMR LED drive circuit
must keep the LED off
(VF ≤ VF(OFF)) during common
mode transients. For example,
during a -dVCM/dt transient in
Figure 31, the current flowing
through CLEDP also flows through
the RSAT and VSAT of the logic
gate. As long as the low state
voltage developed across the
logic gate is less than VF(OFF), the
LED will remain off and no
common mode failure will occur.
The open collector drive circuit,
shown in Figure 32, cannot keep
the LED off during a +dVCM/dt
transient, since all the current
flowing through CLEDN must be
supplied by the LED, and it is not
recommended for applications
requiring ultra high CMRL
performance. Figure 33 is an
alternative drive circuit which,
like the recommended application
circuit (Figure 25), does achieve
ultra high CMR performance by
shunting the LED in the off state.
Under Voltage Lockout
Feature
The HCPL-3150 contains an
under voltage lockout (UVLO)
feature that is designed to protect
the IGBT under fault conditions
which cause the HCPL-3150
supply voltage (equivalent to the
fully-charged IGBT gate voltage)
to drop below a level necessary to
keep the IGBT in a low resistance
state. When the HCPL-3150
output is in the high state and the
supply voltage drops below the
HCPL-3150 VUVLO- threshold
(9.5 <VUVLO- <12.0), the
optocoupler output will go into
the low state with a typical delay,
UVLO Turn Off Delay, of 0.6
µs.
When the HCPL-3150 output is in
the low state and the supply
voltage rises above the HCPL-
3150 VUVLO+ threshold
(11.0 < VUVLO+ < 13.5), the
optocoupler will go into the high
state (assuming LED is “ON”)
with a typical delay, UVLO TURN
On Delay, of 0.8
µs.
IPM Dead Time and
Propagation Delay
Specifications
The HCPL-3150 includes a
Propagation Delay Difference
(PDD) specification intended to
help designers minimize “dead
time” in their power inverter
designs. Dead time is the time
period during which both the
high and low side power
transistors (Q1 and Q2 in Figure
25) are off. Any overlap in Q1
and Q2 conduction will result in
large currents flowing through
the power devices from the high-
to the low-voltage motor rails.
To minimize dead time in a given
design, the turn on of LED2
should be delayed (relative to the
Figure 28. Thermal Model.
θLD = 439°C/W
TJE
TJD
θLC = 391°C/W
θDC = 119°C/W
θCA = 83°C/W*
TC
TA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com