Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA75MB40C Datasheet(PDF) 3 Page - International Rectifier

Part # HFA75MB40C
Description  Ultrafast, Soft Recovery Diode HEXFRED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA75MB40C Datasheet(HTML) 3 Page - International Rectifier

  HFA75MB40C Datasheet HTML 1Page - International Rectifier HFA75MB40C Datasheet HTML 2Page - International Rectifier HFA75MB40C Datasheet HTML 3Page - International Rectifier HFA75MB40C Datasheet HTML 4Page - International Rectifier HFA75MB40C Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HFA75MB40C
Fig. 4 - Maximum Thermal Impedance Zthjc Characteristics, (per Leg)
Fig. 2 - Typical Reverse Current vs. Reverse
Voltage, (per Leg)
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage, (per Leg)
Fig. 1 - Maximum Forward Voltage Drop
vs. Instantaneous Forward Current,
(per Leg)
0.1
1
10
100
1000
10000
0
100
200
300
400
R
Reverse Voltage - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
10
100
1000
1
10
100
1000
T = 25°C
J
Reverse Voltage - V (V)
R
A
1
10
100
1000
0.4
0.8
1.2
1.6
2.0
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1
t , Rectangular Pulse Duration (Seconds)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Single Pulse
(Thermal Resistance)
2
t
1
t
P
DM
Notes:
1. Duty factor D = t
/ t
2. Peak T = P
x Z
+ T
JDM
thJC
C
2
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com