Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA75MB40C Datasheet(PDF) 1 Page - International Rectifier

Part # HFA75MB40C
Description  Ultrafast, Soft Recovery Diode HEXFRED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA75MB40C Datasheet(HTML) 1 Page - International Rectifier

  HFA75MB40C Datasheet HTML 1Page - International Rectifier HFA75MB40C Datasheet HTML 2Page - International Rectifier HFA75MB40C Datasheet HTML 3Page - International Rectifier HFA75MB40C Datasheet HTML 4Page - International Rectifier HFA75MB40C Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PD -2.475A
• Reduced RFI and EMI
• Reduced Snubbing
• Extensive Characterization of Recovery Parameters
Features
Description
HEXFREDTMdiodes are optimized to reduce losses and EMI/RFI in high frequency
power conditioning systems. An extensive characterization of the recovery
behavior for different values of current, temperature and di/dt simplifies the
calculations of losses in the operating conditions. The softness of the recovery
eliminates the need for a snubber in most applications. These devices are
ideally suited for power converters, motors drives and other applications where
switching losses are significant portion of the total losses.
Ultrafast, Soft Recovery Diode
HEXFREDTM
HFA75MB40C
Absolute Maximum Ratings (per Leg)
Note:  Limited by junction temperature
‚ L = 100µH, duty cycle limited by max TJ
A
W
°C/W
K/W
Thermal - Mechanical Characteristics
-55 to +150
35 (4.0)
––––
50 (5.7)
COMMON
CATHODE
ANODE
2
ANODE
1
(1-3)
(4-6)
(7-9)
(ISOLATED BASE)
Parameter
Max.
Units
VR
Cathode-to-Anode Voltage
400
V
IF @ TC = 25°C
Continuous Forward Current
75
IF @ TC = 100°C
Continuous Forward Current
36
IFSM
Single Pulse Forward Current 
300
IAS
Maximum Single Pulse Avalanche Current ‚
5.0
EAS
Non-Repetitive Avalanche Energy ‚
1.4
mJ
PD @ TC = 25°C
Maximum Power Dissipation
125
PD @ TC = 100°C
Maximum Power Dissipation
50
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case, Single Leg Conducting
––––
––––
1.0
Junction-to-Case, Both Legs Conducting
––––
––––
0.50
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.10
––––
Wt
Weight
––––
58 (2.0)
––––
g (oz)
Mounting Torque
lbf•in
(N•m)
D-60
(MODIFIED T0-249AA)
A
5/5/97
VR = 400V
VF(typ.)ƒ = 1V
IF(AV) = 75A
Qrr (typ.) = 200nC
IRRM(typ.) = 6A
trr(typ.) = 30ns
di(rec)M/dt (typ.)ƒ = 190A/µs
ƒ 125°C


Similar Part No. - HFA75MB40C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA75MC40C IRF-HFA75MC40C Datasheet
213Kb / 5P
Ultrafast, Soft Recovery Diode
More results

Similar Description - HFA75MB40C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA100MD60C IRF-HFA100MD60C Datasheet
309Kb / 5P
HEXFRED??Ultrafast, Soft Recovery Diode
HFA105NH60 IRF-HFA105NH60 Datasheet
293Kb / 5P
HEXFRED??Ultrafast, Soft Recovery Diode
HFA105NH60R IRF-HFA105NH60R Datasheet
282Kb / 5P
HEXFRED??Ultrafast, Soft Recovery Diode
HFA16PB120 IRF-HFA16PB120 Datasheet
164Kb / 6P
Ultrafast, Soft Recovery Diode HEXFRED
HFA16PA120C IRF-HFA16PA120C Datasheet
124Kb / 7P
HEXFRED Ultrafast, Soft Recovery Diode
HFA140NJ60C IRF-HFA140NJ60C Datasheet
320Kb / 5P
HEXFRED Ultrafast, Soft Recovery Diode
HFA320NJ40C IRF-HFA320NJ40C Datasheet
329Kb / 5P
HEXFRED Ultrafast, Soft Recovery Diode
HFA06PB120 IRF-HFA06PB120 Datasheet
188Kb / 7P
HEXFRED Ultrafast, Soft Recovery Diode
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
HEXFRED ULTRAFAST SOFT RECOVERY DIODE
HFA135NH40R IRF-HFA135NH40R Datasheet
338Kb / 5P
HEXFRED Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com