Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA75MB40C Datasheet(PDF) 4 Page - International Rectifier

Part # HFA75MB40C
Description  Ultrafast, Soft Recovery Diode HEXFRED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA75MB40C Datasheet(HTML) 4 Page - International Rectifier

  HFA75MB40C Datasheet HTML 1Page - International Rectifier HFA75MB40C Datasheet HTML 2Page - International Rectifier HFA75MB40C Datasheet HTML 3Page - International Rectifier HFA75MB40C Datasheet HTML 4Page - International Rectifier HFA75MB40C Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HFA75MB40C
Fig. 7 - Typical Stored Charge vs. dif/dt,
(per Leg)
Fig. 8 - Typical di(rec)M/dt vs. dif/dt,
(per Leg)
Fig. 5 - Typical Reverse Recovery vs. dif/dt,
(per Leg)
Fig. 6 - Typical Recovery Current vs. dif/dt,
(per Leg)
40
60
80
100
120
140
160
100
1000
f
di /dt - (A/µs)
I = 100A
I = 20A
I = 35A
V = 200V
T = 125°C
T = 25°C
R
J
J
F
F
F
1
10
100
100
1000
f
di /dt - (A/µs)
I =100A
I =35A
I = 20A
V = 200V
T = 125°C
T = 25°C
R
J
J
F
F
F
100
1000
10000
100
1000
f
di /dt - (A/µs)
I = 100A
I = 20A
I = 35A
V = 200V
T = 125°C
T = 25°C
R
J
J
F
F
F
0
500
1000
1500
2000
2500
100
1000
f
di /dt - (A/µs)
I = 100A
I = 20A
I = 35A
V = 200V
T = 125°C
T = 25°C
R
J
J
F
F
F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com