Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS511M Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS511M
Description  LOCO PLL CLOCK MULTIPLIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS511M Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS511M Datasheet HTML 1Page - Integrated Circuit Systems ICS511M Datasheet HTML 2Page - Integrated Circuit Systems ICS511M Datasheet HTML 3Page - Integrated Circuit Systems ICS511M Datasheet HTML 4Page - Integrated Circuit Systems ICS511M Datasheet HTML 5Page - Integrated Circuit Systems ICS511M Datasheet HTML 6Page - Integrated Circuit Systems ICS511M Datasheet HTML 7Page - Integrated Circuit Systems ICS511M Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LOCOTM PLL Clock Multiplier
MDS 511 G
3
Revision 102504
In te gr at ed Circuit Syst ems 525 Ra ce St reet , San Jose, CA 9512 6 t e l (4 08) 297 -1 201 www.icst.com
ICS511
External Components
Decoupling Capacitor
As with any high-performance mixed-signal IC, the
ICS511 must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between VDD and the GND. It must be connected
close to the ICS511 to minimize lead inductance. No
external power supply filtering is required for the
ICS511.
Series Termination Resistor
A 33
Ω terminating resistor can be used next to the CLK
pin for trace lengths over one inch.
Crystal Load Capacitors
The total on-chip capacitance is approximately 12 pF. A
parallel resonant, fundamental mode crystal should be
used. The device crystal connections should include
pads for small capacitors from X1 to ground and from
X2 to ground. These capacitors are used to adjust the
stray capacitance of the board to match the nominally
required crystal load capacitance. Because load
capacitance can only be increased in this trimming
process, it is important to keep stray capacitance to a
minimum by using very short PCB traces (and no vias)
between the crystal and device. Crystal capacitors, if
needed, must be connected from each of the pins X1
and X2 to ground.
The value (in pF) of these crystal caps should equal
(CL -12 pF)*2. In this equation, CL= crystal load
capacitance in pF. Example: For a crystal with a 16 pF
load capacitance, each crystal capacitor would be 8 pF
[(16-12) x 2] = 8.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS511. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (Commercial grade)
0 to +70
°C
Ambient Operating Temperature (Industrial grade)
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.135
+5.25
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com