Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS511M Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS511M
Description  LOCO PLL CLOCK MULTIPLIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS511M Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS511M Datasheet HTML 1Page - Integrated Circuit Systems ICS511M Datasheet HTML 2Page - Integrated Circuit Systems ICS511M Datasheet HTML 3Page - Integrated Circuit Systems ICS511M Datasheet HTML 4Page - Integrated Circuit Systems ICS511M Datasheet HTML 5Page - Integrated Circuit Systems ICS511M Datasheet HTML 6Page - Integrated Circuit Systems ICS511M Datasheet HTML 7Page - Integrated Circuit Systems ICS511M Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS511
MDS 511 G
1
Revision 102504
Integrat ed Circuit Systems 5 25 Race Stre et, San Jo se, CA 9 5126 te l (40 8 ) 2 97-12 01 www.ics t.co m
LOCOTM PLL CLOCK MULTIPLIER
Description
The ICS511 LOCOTM is the most cost effective way to
generate a high quality, high frequency clock output
from a lower frequency crystal or clock input. The name
LOCO stands for Low Cost Oscillator, as it is designed
to replace crystal oscillators in most electronic
systems. Using Phase-Locked Loop (PLL) techniques,
the device uses a standard fundamental mode,
inexpensive crystal to produce output clocks up to 200
MHz.
Stored in the chip’s ROM is the ability to generate nine
different multiplication factors, allowing one chip to
output many common frequencies (see table on page
2).
The device also has an output enable pin which
tri-states the clock output when the OE pin is taken low.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined nor guaranteed.
For applications which require defined input to output
skew, use the ICS570B.
Features
Packaged as 8-pin SOIC or die
Available in Pb (lead) free package
Upgrade of popular ICS501 with:
- changed multiplier table
- faster operating frequencies
- output duty cycle at VDD/2
Zero ppm multiplication error
Input crystal frequency of 5 - 27 MHz
Input clock frequency of 2 - 50 MHz
Output clock frequencies up to 200 MHz
Extremely low jitter of 25 ps (one sigma)
Compatible with all popular CPUs
Duty cycle of 45/55 up to 200 MHz
Mask option for nine selectable frequencies
Operating voltage of 3.3 V or 5 V
Tri-state output for board level testing
Industrial temperature version available
Advanced, low power CMOS process
Block Diagram
CLK
PLL Clock
M ultiplier
Circuitry
and ROM
Crystal or
Clock input
GND
OE
VDD
Crystal
O scillator
S1:0
X1/ICLK
X2
O ptional crystal capacitors
2


Similar Part No. - ICS511M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS511M ICST-ICS511M Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
ICS511MI ICST-ICS511MI Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
ICS511MIT ICST-ICS511MIT Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
ICS511MT ICST-ICS511MT Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
More results

Similar Description - ICS511M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
LOCO??PLL Clock Multiplier
Revision 102504
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
LOCO??PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
LOCO??PLL CLOCK MULTIPLIER
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com