Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS511M Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS511M
Description  LOCO PLL CLOCK MULTIPLIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS511M Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS511M Datasheet HTML 1Page - Integrated Circuit Systems ICS511M Datasheet HTML 2Page - Integrated Circuit Systems ICS511M Datasheet HTML 3Page - Integrated Circuit Systems ICS511M Datasheet HTML 4Page - Integrated Circuit Systems ICS511M Datasheet HTML 5Page - Integrated Circuit Systems ICS511M Datasheet HTML 6Page - Integrated Circuit Systems ICS511M Datasheet HTML 7Page - Integrated Circuit Systems ICS511M Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LOCOTM PLL Clock Multiplier
MDS 511 G
4
Revision 102504
In te gr at ed Circuit Syst ems 525 Ra ce St reet , San Jose, CA 9512 6 t e l (4 08) 297 -1 201 www.icst.com
ICS511
DC Electrical Characteristics
VDD=3.3 V ±5% , Ambient temperature -40 to +85
°C, unless stated otherwise
AC Electrical Characteristics
VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C, unless stated otherwise
Note 1: Measured with 15 pF load.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.465
V
Input High Voltage, ICLK only
VIH
ICLK (pin 1)
(VDD/2)+0.7
V
Input Low Voltage, ICLK only
VIL
ICLK (pin 1)
(VDD/2)-0.7
V
Input High Voltage
VIH
OE (pin 7)
2.0
V
Input Low Voltage
VIL
OE (pin 7)
0.8
V
Input High Voltage
VIH
S0, S1
VDD-0.5
V
Input Low Voltage
VIL
S0, S1
0.5
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.4
V
IDD Operating Supply Current,
20 MHz crystal
No load, 100M
8
mA
Short Circuit Current
CLK output
+70
mA
On-Chip Pull-up Resistor
Pin 7
270
k
Input Capacitance, S1, S0, and OE
Pins 4, 6, 7
4
pF
Nominal Output Impedance
20
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, crystal input
FIN
527
MHz
Input Frequency, clock input
FIN
250
MHz
Output Frequency
FOUT
0
°C to +70°C14
160
MHz
-40
°C to +85°C14
145
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V, Note 1
1
ns
Output Clock Fall Time
tOF
2.0 to 8.0 V, Note 1
1
ns
Output Clock Duty Cycle
tOD
1.5 V, up to 160 MHz
45
49-51
55
%
PLL Bandwidth
10
kHz
Output Enable Time, OE high to
output on
50
ns
Output Disable Time, OE low to
tri-state
50
ns
Absolute Clock Period Jitter
tja
Deviation from mean
+70
ps
One Sigma Clock Period Jitter
tjs
25
ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com