Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84314 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS84314
Description  350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84314 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS84314 Datasheet HTML 1Page - Integrated Circuit Systems ICS84314 Datasheet HTML 2Page - Integrated Circuit Systems ICS84314 Datasheet HTML 3Page - Integrated Circuit Systems ICS84314 Datasheet HTML 4Page - Integrated Circuit Systems ICS84314 Datasheet HTML 5Page - Integrated Circuit Systems ICS84314 Datasheet HTML 6Page - Integrated Circuit Systems ICS84314 Datasheet HTML 7Page - Integrated Circuit Systems ICS84314 Datasheet HTML 8Page - Integrated Circuit Systems ICS84314 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
84314AY
www.icst.com/products/hiperclocks.html
REV. C JANUARY 27, 2005
2
Integrated
Circuit
Systems, Inc.
ICS84314
350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL
FREQUENCY SYNTHESIZER W/FANOUT BUFFER
nP_LOAD input is initially LOW. The data on inputs M0 through
M8 is passed directly to the M divider. On the LOW-to-HIGH tran-
sition of the nP_LOAD input, the data is latched and the M divider
remains loaded until the next LOW transition on nP_LOAD or until
a serial event occurs. As a result, the M bits can be hardwired to
set the M divider to a specific default state that will automatically
occur during power-up. In parallel mode, the N output divider is
set to 2. In serial mode, the N output divider can be set for either
÷2 or ÷4. The relationship between the VCO frequency, the crys-
tal frequency and the M divider is defined as follows:
The M value and the required values of M0 through M8 are shown
in Table 3B, Programmable VCO Frequency Function Table. Valid
M values for which the PLL will achieve lock for a 16MHz refer-
ence are defined as 125
≤ M ≤ 350. The frequency out
is defined as follows:
Serial operation occurs when nP_LOAD is HIGH and S_LOAD
is LOW. The shift register is loaded by sampling the S_DATA bits
with the rising edge of S_CLOCK. The contents of the shift regis-
ter are loaded into the M divider and N output divider when
S_LOAD transitions from LOW-to-HIGH. The M divide and N out-
put divide values are latched on the HIGH-to-LOW transition of
S_LOAD. If S_LOAD is held HIGH, data at the S_DATA input is
passed directly to the M divider and N output divider on each
rising edge of S_CLOCK.
NOTE: The functional description that follows describes
operation using a 16MHz crystal. Valid PLL loop divider
values for different crystal or input frequencies are defined
in the Input Frequency Characteristics, Table 5, NOTE 1.
The ICS84314 features a fully integrated PLL and there-
fore requires no external components for setting the loop
bandwidth. A parallel-resonant, fundamental crystal is used
as the input to the on-chip oscillator. The output of the os-
cillator is divided by 16 prior to the phase detector. With a
16MHz crystal, this provides a 1MHz reference frequency.
The VCO of the PLL operates over a range of 250MHz to
700MHz. The output of the M divider is also applied to the
phase detector.
The phase detector and the M divider force the VCO output
frequency to be 2M times the reference frequency by ad-
justing the VCO control voltage. Note that for some values
of M (either too high or too low), the PLL will not achieve
lock. The output of the VCO is scaled by a divider prior to
being sent to each of the LVPECL output buffers. The divider
provides a 50% output duty cycle.
The programmable features of the ICS84314 support two
input modes to program the M divider. The two input op-
erational modes are parallel and serial.
Figure 1 shows
the timing diagram for each mode. In parallel mode, the
FUNCTIONAL DESCRIPTION
16
fVCO =
fxtal x 2M
FIGURE 1. PARALLEL & SERIAL LOAD OPERATIONS
S_CLOCK
S_DATA
S_LOAD
nP_LOAD
M0:M8
nP_LOAD
Time
SERIAL LOADING
PARALLEL LOADING
M
t
S
t
H
t
S
t
H
t
S
*NULL *NULL *NULL *NULL
**N
M8M7
M6M5
M4M3
M2M1
M0
*NOTE: The NULL timing slot must be observed.
**NOTE: “N” can only be controlled through serial loading.
fout = fVCO
=
16
2M
fxtal x
N
1
x
N
1
x
e
u
l
a
V
c
i
g
o
L
Ne
d
i
v
i
D
t
u
p
t
u
O
0
÷2
1
÷4
TABLE 1. N OUTPUT DIVIDER FUNCTION TABLE (SERIAL LOAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com