Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84314 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS84314
Description  350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84314 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS84314 Datasheet HTML 1Page - Integrated Circuit Systems ICS84314 Datasheet HTML 2Page - Integrated Circuit Systems ICS84314 Datasheet HTML 3Page - Integrated Circuit Systems ICS84314 Datasheet HTML 4Page - Integrated Circuit Systems ICS84314 Datasheet HTML 5Page - Integrated Circuit Systems ICS84314 Datasheet HTML 6Page - Integrated Circuit Systems ICS84314 Datasheet HTML 7Page - Integrated Circuit Systems ICS84314 Datasheet HTML 8Page - Integrated Circuit Systems ICS84314 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
84314AY
www.icst.com/products/hiperclocks.html
REV. C JANUARY 27, 2005
1
Integrated
Circuit
Systems, Inc.
ICS84314
350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL
FREQUENCY SYNTHESIZER W/FANOUT BUFFER
GENERAL DESCRIPTION
The ICS84314 is a general purpose quad output
frequency synthesizer and a member of the
HiPerClockS™ family of High Performance Clock
Solutions from ICS. When the device uses par-
allel loading, the M bits are programmable and
the output divider is hard-wired for divide by 2 thus providing
a frequency range of 125MHz to 350MHz. In serial program-
ming mode, the M bits are programmable and the output di-
vider can be set for either divide by 2 or divide by 4, providing
a frequency range of 62.5MHz to 350MHz. The low cycle-
cycle jitter and broad frequency range of the ICS84314 make
it an ideal clock generator for a variety of demanding applica-
tions which require high performance.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Fully integrated PLL
• 4 differential 3.3V or 2.5V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS TEST_CLK input
• Output frequency range: 62.5MHz to 350MHz
• VCO range: 250MHz to 700MHz
• Parallel interface for programming counter
and output dividers during power-up
• Serial 3 wire interface
• Cycle-to-cycle jitter: 23ps (typical)
• Output skew: 16ps (typical)
• Output duty cycle: 49% < odc < 51%, fout ≤ 125MHz
• Full 3.3V or mixed 3.3V core, 2.5V operating supply
• 0°C to 85°C ambient operating temperature
• Lead-Free package available
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
TEST_CLK
XTAL_SEL
VCCA
S_LOAD
S_DATA
S_CLOCK
MR
VCCO
M4
M5
M6
M7
M8
VEE
VCC
VCCO
OSC
VCO
PLL
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
÷2
÷4
CONFIGURATION
INTERFACE
LOGIC
÷ M
0
1
0
1
÷ 16
PHASE DETECTOR
ICS84314
HiPerClockS™
ICS
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
VCO_SEL
XTAL_SEL
TEST_CLK
XTAL1
XTAL2
MR
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
÷2


Similar Part No. - ICS84314

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84314-02 ICST-ICS84314-02 Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
ICS84314A02L ICST-ICS84314A02L Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
ICS84314AY-02 ICST-ICS84314AY-02 Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
ICS84314AY-02LF ICST-ICS84314AY-02LF Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
ICS84314AY-02LFT ICST-ICS84314AY-02LFT Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
More results

Similar Description - ICS84314

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84314-02 ICST-ICS84314-02 Datasheet
196Kb / 17P
700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. B NOVEMBER 17, 2005
ICS84324 ICST-ICS84324 Datasheet
177Kb / 14P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84325 ICST-ICS84325 Datasheet
280Kb / 15P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. B OCTOBER 11, 2004
ICS843246 ICST-ICS843246 Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A NOVEMBER 29, 2005
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
logo
Renesas Technology Corp
843246I RENESAS-843246I Datasheet
548Kb / 19P
Femtoclocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
December 8, 2015
84314 RENESAS-84314 Datasheet
458Kb / 20P
350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer
January 8, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com