Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84314 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS84314
Description  350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84314 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS84314 Datasheet HTML 7Page - Integrated Circuit Systems ICS84314 Datasheet HTML 8Page - Integrated Circuit Systems ICS84314 Datasheet HTML 9Page - Integrated Circuit Systems ICS84314 Datasheet HTML 10Page - Integrated Circuit Systems ICS84314 Datasheet HTML 11Page - Integrated Circuit Systems ICS84314 Datasheet HTML 12Page - Integrated Circuit Systems ICS84314 Datasheet HTML 13Page - Integrated Circuit Systems ICS84314 Datasheet HTML 14Page - Integrated Circuit Systems ICS84314 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
84314AY
www.icst.com/products/hiperclocks.html
REV. C JANUARY 27, 2005
11
Integrated
Circuit
Systems, Inc.
ICS84314
350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL
FREQUENCY SYNTHESIZER W/FANOUT BUFFER
The schematic of the ICS84314 layout example used in this layout
guideline is shown in
Figure 6A.The ICS84314 recommended PCB
board layout for this example is shown in
Figure 6B. This layout
example is used as a general guideline. The layout in the actual
LAYOUT GUIDELINE
FIGURE 6A. SCHEMATIC OF 3.3V/3.3V RECOMMENDED LAYOUT
system will depend on the selected component types, the density
of the components, the density of the traces, and the stack up of
the P.C. board.
R5
50
Logic Input Pin Examples
Zo = 50 Ohm
C2
U3
ICS84314
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
M4
M5
M6
M7
M8
VEE
VCC
VCCO
VCCO
MR
S_CLOCK
S_DATA
S_LOAD
VCCA
XTAL_SEL
TEST_CLK
RD1
Not Install
R3
50
Zo = 50 Ohm
C16
10u
+
-
VCC
C11
0.01u
VCC
R4
50
C5
0.1u
To Logic
Input
pins
Zo = 50 Ohm
C7 (Option)
0.1u
C1
C6 (Option)
0.1u
VCC
Set Logic
Input to
'0'
+
-
R2
50
To Logic
Input
pins
C3
0.1u
Set Logic
Input to
'1'
VCCA
VCC=3.3V
VCC
RU1
1K
RU2
Not Install
R1
50
X1
R6
50
C4
0.1u
RD2
1K
R7
10
Zo = 50 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com