Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954119 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS954119
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954119 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS954119 Datasheet HTML 1Page - Integrated Circuit Systems ICS954119 Datasheet HTML 2Page - Integrated Circuit Systems ICS954119 Datasheet HTML 3Page - Integrated Circuit Systems ICS954119 Datasheet HTML 4Page - Integrated Circuit Systems ICS954119 Datasheet HTML 5Page - Integrated Circuit Systems ICS954119 Datasheet HTML 6Page - Integrated Circuit Systems ICS954119 Datasheet HTML 7Page - Integrated Circuit Systems ICS954119 Datasheet HTML 8Page - Integrated Circuit Systems ICS954119 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS954119
Advance Information
0875—05/24/04
Pin Description
PIN # PIN NAME
TYPE
DESCRIPTION
29
GND
PWR
Ground pin.
30
PCIEXC3
OUT
Complement clock of differential PCI_Express pair.
31
PCIEXT3
OUT
True clock of differential PCI_Express pair.
32
PCIEXC4
OUT
Complement clock of differential PCI_Express pair.
33
PCIEXT4
OUT
True clock of differential PCI_Express pair.
34
VDDPCIEX
PWR
Power supply for PCI Express clocks, nominal 3.3V
35
VDDA
PWR
3.3V power for the PLL core.
36
GNDA
PWR
Ground pin for the PLL core.
37
IREF
OUT
This pin establishes the reference current for the differential current-mode
output pairs. This pin requires a fixed precision resistor tied to ground in
order to establish the appropriate current. 475 ohms is the standard value.
38
GND
PWR
Ground pin.
39
CPUCLKC1
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
40
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
41
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
42
CPUCLKC0
OUT
Complimentary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
43
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
44
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
45
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
46
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
47
X2
OUT
Crystal output, Nominally 14.318MHz
48
X1
IN
Crystal input, Nominally 14.318MHz.
49
GND
PWR
Ground pin.
50
REF1
OUT
14.318 MHz reference clock.
51
REF0/FSLC
I/O
14.318 MHz reference clock./ 3.3V tolerant input for CPU frequency
selection. Refer to input electrical characteristics for Vil_FS and Vih_FS
values.
52
Reset#
OUT
Real time system reset signal for frequency gear ratio change or watchdog
timer timeout. This signal is active low.
53
PCICLK0
OUT
PCI clock output.
54
PCICLK1
OUT
PCI clock output.
55
PCICLK2
OUT
PCI clock output.
56
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com