Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954119 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS954119
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954119 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS954119 Datasheet HTML 1Page - Integrated Circuit Systems ICS954119 Datasheet HTML 2Page - Integrated Circuit Systems ICS954119 Datasheet HTML 3Page - Integrated Circuit Systems ICS954119 Datasheet HTML 4Page - Integrated Circuit Systems ICS954119 Datasheet HTML 5Page - Integrated Circuit Systems ICS954119 Datasheet HTML 6Page - Integrated Circuit Systems ICS954119 Datasheet HTML 7Page - Integrated Circuit Systems ICS954119 Datasheet HTML 8Page - Integrated Circuit Systems ICS954119 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS954119
Advance Information
0875—05/24/04
Pin Configuration
Recommended Application:
CK410 compliant clock
Output Features:
•
2 - 0.7V current-mode differential CPU pairs
•
1 - 0.7V current-mode differential SRC pair
•
6 - PCI (33MHz)
•
3 - PCICLK_F, (33MHz) free-running
•
1 - USB, 48MHz
•
1 - 24/48 MHz
•
1 - DOT, 96MHz, 0.7V current differential pair
•
2 - REF, 14.318MHz
•
5 - PCI-Express 0.7V current differential pairs
Key Specifications:
•
CPU/SRC outputs cycle-cycle jitter < 85ps
•
PCI outputs cycle-cycle jitter < 250ps
•
+/- 300ppm frequency accuracy on CPU & SRC clocks
Programmable Timing Control Hub™ for Next Gen P4™ processor
Functionality
Features/Benefits:
•
Programmable output frequencies
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Programmable watch dog safe frequency.
•
Supports tight ppm accuracy clocks for Serial-ATA
•
Supports spread spectrum modulation, 0 to -0.5%
down spread, ±0.25% center spread, and ±0.3%
center spread
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
•
Supports undriven differential CPU, SRC pair in PD#
for power management.
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
GND 1
56 VDDPCI
PCICLK3 2
55 PCICLK2
PCICLK4 3
54 PCICLK1
PCICLK5 4
53 PCICLK0
GND 5
52 Reset#
VDDPCI 6
51 REF0/FSLC
PCICLK_F0 7
50 REF1
FSLA/PCICLK_F1 8
49 GND
FSLB/PCICLK_F2 9
48 X1
VDD4810
47X2
**SEL24_48#/24_48MHz 11
46 VDDREF
USB_48MHz 12
45 SCLK
GND 13
44 SDATA
DOTT_ 96MHz 14
43 CPUCLKT0
DOTC_96MHz 15
42 CPUCLKC0
Vtt_PwrGd#/PD 16
41 VDDCPU
PCIEXT0 17
40 CPUCLKT1
PCIEXC0 18
39 CPUCLKC1
VDDPCIEX 19
38 GND
GND 20
37 IREF
PCIEXT1 21
36 GNDA
PCIEXC122
35VDDA
PCIEXT2 23
34 VDDPCIEX
PCIEXC224
33PCIEXT4
GND 25
32 PCIEXC4
SRCCLKT 26
31 PCIEXT3
SRCCLKC 27
30 PCIEXC3
VDDSRC 28
29 GND
56-Pin SSOP
** Internal Pull-Down Resistor
* Internal Pull-Up Resistor
Bit2
Bit1
Bit0
CPU
PCIEX
SRC
PCI
FSLC FSLB FSLA
MHz
MHz
MHz
MHz
0000
0
266.66
100.00
100.00
33.33
0000
1
133.33
100.00
100.00
33.33
0001
0
200.00
100.00
100.00
33.33
0001
1
166.66
100.00
100.00
33.33
0010
0
333.33
100.00
100.00
33.33
0010
1
100.00
100.00
100.00
33.33
0011
0
400.00
100.00
100.00
33.33
0011
1
200.00
100.00
100.00
33.33
0100
0
266.66
133.33
133.33
33.33
0100
1
133.33
133.33
133.33
33.33
0101
0
200.00
133.33
133.33
33.33
0101
1
166.66
125.00
125.00
33.33
0110
0
333.33
125.00
125.00
33.33
0110
1
100.00
133.33
133.33
33.33
0111
0
400.00
133.33
133.33
33.33
0111
1
200.00
133.33
133.33
33.33
1000
0
269.33
101.00
101.00
33.67
1000
1
134.66
101.00
101.00
33.67
1001
0
202.00
101.00
101.00
33.67
1001
1
168.33
101.00
101.00
33.67
1010
0
274.66
103.00
103.00
34.33
1010
1
137.33
103.00
103.00
34.33
1011
0
206.00
103.00
103.00
34.33
1011
1
171.66
103.00
103.00
34.33
1100
0
279.99
105.00
105.00
35.00
1100
1
140.00
105.00
105.00
35.00
1101
0
210.00
105.00
105.00
35.00
1101
1
174.99
105.00
105.00
35.00
1110
0
287.99
108.00
108.00
36.00
1110
1
144.00
108.00
108.00
36.00
1111
0
216.00
108.00
108.00
36.00
1111
1
179.99
108.00
108.00
36.00
* Entries 00111 & 01111 are 250MHz on the B & C revision.
Bit4
Bit3


Similar Part No. - ICS954119

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS954119DFLFT IDT-ICS954119DFLFT Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
More results

Similar Description - ICS954119

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952607 ICST-ICS952607 Datasheet
214Kb / 21P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952601 ICST-ICS952601 Datasheet
181Kb / 24P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS952621 ICST-ICS952621 Datasheet
198Kb / 15P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS932S208 ICST-ICS932S208 Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS952606 ICST-ICS952606 Datasheet
162Kb / 20P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952623 ICST-ICS952623 Datasheet
321Kb / 27P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Integrated Device Techn...
954119DFLF IDT-954119DFLF Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119DFLFT IDT-ICS954119DFLFT Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
logo
Integrated Circuit Syst...
953002CFLF ICST-953002CFLF Datasheet
285Kb / 35P
Programmable Timing Control Hub for Next Gen P4 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com