Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954119 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS954119
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954119 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS954119 Datasheet HTML 1Page - Integrated Circuit Systems ICS954119 Datasheet HTML 2Page - Integrated Circuit Systems ICS954119 Datasheet HTML 3Page - Integrated Circuit Systems ICS954119 Datasheet HTML 4Page - Integrated Circuit Systems ICS954119 Datasheet HTML 5Page - Integrated Circuit Systems ICS954119 Datasheet HTML 6Page - Integrated Circuit Systems ICS954119 Datasheet HTML 7Page - Integrated Circuit Systems ICS954119 Datasheet HTML 8Page - Integrated Circuit Systems ICS954119 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS954119
Advance Information
0875—05/24/04
ICS954119 follows Intel CK410 Yellow Cover specification. This clock synthesizer provides a single chip solution for next
generation P4 Intel processors and Intel chipsets. ICS954119 is driven with a 14.318MHz crystal.
General Description
Block Diagram
I REF
PLL2
Frequency
Dividers
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
STOP
Logic
48MHz, USB
X1
X2
XTAL
SDATA
SCLK
Vtt_PWRGD#/PD
FSLA
FSLB
FSLC
Sel24/48
Control
Logic
REF (1:0)
CPUCLKT (1:0)
CPUCLKC (1:0)
SRCCLKT
SRCCLKC
PCICLK (5:0)
PCICLKF (2:0)
PCI-Express (4:0)
Reset#
DOTT_96MHz
DOTC_96MHz
24/48MHz
Power Busing
VDD
6,56
10
19,34
28
35
41
46
GND
Description
1,5
PCI pads and Prepad
13
USB _48M Hz, DOT_96M Hz, Fix P LL
20,29
Differnetial PCIEX pair
25
Differnetial SRC pair
36
Analog Core, CPU PLL
38
Differnetial CPU pair
49
Xtal, Ref, CPU PLL Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com