Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3092 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3092 Datasheet HTML 17Page - International Rectifier IR3092 Datasheet HTML 18Page - International Rectifier IR3092 Datasheet HTML 19Page - International Rectifier IR3092 Datasheet HTML 20Page - International Rectifier IR3092 Datasheet HTML 21Page - International Rectifier IR3092 Datasheet HTML 22Page - International Rectifier IR3092 Datasheet HTML 23Page - International Rectifier IR3092 Datasheet HTML 24Page - International Rectifier IR3092 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
IR3092
Page 21 of 37
06/25/04
Adaptive Voltage Positioning
Adaptive voltage positioning is needed to reduce output voltage deviations during load transients and power dissipation of
the load when it is drawing maximum current. The circuitry related to voltage positioning is shown in Figure 9. Resistor
RFB is connected between the Error Amplifier’s inverting input pin FB and the converter’s output voltage. An internal
current source whose value is programmed by the same external resistor that programs the oscillator frequency, RROSC,
pumps current out of the FB pin. The FB bias current develops a positioning voltage drop across RFB which forces the
converter’s output voltage lower to V(VDAC)-I(FB)* RFB to maintain a balance at the Error Amplifier inputs. RFB is
selected to program the desired amount of fixed offset voltage below the DAC voltage.
The voltage at the VDRP pin is an average of both phase Current Sense Amplifiers and represents the sum of the VDAC
voltage and the average inductor current of all the phases. The VDRP pin is connected to the FB pin through the resistor.
The Error Amplifier forces the voltage on the FB pin to equal VDAC through the power supply loop therefore the current
through RDRP is equal to (VDRP-VDAC) / RDRP. As the load current increases, the VDRP voltage increases accordingly
which results in an increase RFB current, further positioning the output regulated voltage lower thus making the output
voltage reduction proportional to an increase in load current. The droop impedance or output impedance of the converter
can thus be programmed by the resistor RDRP. The offset and slope of the converter output impedance are independent
of the VDAC voltage.
AMD specifies the acceptable power supply regulation window as ±50mV around their specified VID tables. VR10.X
specifies the VID table voltages as the absolute maximum power supply voltage. In order to have all three DAC options,
the OPTERON and ATHLON DAC output voltages are pre-positioned 50mV higher than listed in AMD specs. During
testing, a series resistor is placed between EAOUT and FB to cancel the additional 50mV out of the DAC. The FB bias
current, equal to IROSC, develops the 50mV cancellation voltage. Trimming the VDAC voltage by monitoring V(EAOUT)
with this 50mV cancellation resistor in circuit also trims out errors in the FB bias current.
The VDRP pin voltage represents the average current of the converter plus the DAC voltage. The load current can be
retrieved by subtracting the VDAC voltage from the VDRP voltage.
CSINM3
CSINM2
- V(CSavg) +
VDRP BUFFER
IROSC
+
VPOSITIONING
-
IDRP
RDRP
CDAC
ERROR AMPLIFIER
RCOMP
VDAC
CCOMP
RDAC
RFB
IROSC
VDAC
VDRP
VOSNS-
FB
VOUT SENSE+
EAOUT
VOUT SENSE-
CSINP2
VDAC
-
+
X24.5
CSINP3
VDAC
-
+
X24.5
Figure 9 - Adaptive voltage positioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com