Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3092 Datasheet(PDF) 13 Page - International Rectifier

Part # IR3092
Description  2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3092 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3092 Datasheet HTML 9Page - International Rectifier IR3092 Datasheet HTML 10Page - International Rectifier IR3092 Datasheet HTML 11Page - International Rectifier IR3092 Datasheet HTML 12Page - International Rectifier IR3092 Datasheet HTML 13Page - International Rectifier IR3092 Datasheet HTML 14Page - International Rectifier IR3092 Datasheet HTML 15Page - International Rectifier IR3092 Datasheet HTML 16Page - International Rectifier IR3092 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
IR3092
Page 13 of 37
06/25/04
Figure 4 – PWM Operating Waveforms
Current Sense Amplifier
A high speed differential current sense amplifier is shown in Figure 5. Its gain decreases with increasing temperature and
is nominally 24.5 at 25ºC and 20 at 125ºC (-1400 ppm/ºC). This reduction of gain tends to compensate the 3850 ppm/ºC
increase in inductor DCR. Since in most designs the IR3092 IC junction is hotter than the inductors these two effects tend
to cancel such that no additional temperature compensation of the load line is required.
The current sense amplifier can accept positive differential input up to 75mV and negative up to -20mV before clipping.
The output of the current sense amplifier is summed with the DAC voltage which is used for over current protection,
voltage positioning and current sharing.
Figure 5 – Inductor Current Sensing and Current Sense Amplifier
VCC Under Voltage Lockout (UVLO)
The VCC UVLO function monitors the IR3092’s VCC supply pin and ensures enough voltage is available to power the
internal circuitry. During power-up the fault latch is reset when VCC exceeds 7.8V and all other faults are cleared. The
fault latch is set when VCC drops below 7.3V, resulting in 500mV of nominal VCC hysteresis for powering up into a load.
5VUVL Under Voltage Lockout (5VUVL)
The 5VUVL function is provided for converters using a separate voltage supply other than VCC for gate driver bias. The
5VUVL comparator prevents operation by discharging SS/DEL and forcing EAOUT low. The 5VUVL comparator has an
OK threshold of 4.3V ensuring adequate gate drive voltage is present and a fault threshold of 4.125V.
CLK1
PULSE
EAOUT
0.7V
PWM
Ramp1
GATEH1
GATEL1
STEADY-STATE
OPERATION
DUTY CYCLE INCREASE
DUE TO LOAD
INCREASE
DUTY CYCLE DECREASE DUE TO LOAD
DECREASE (BODY BRAKING) OR FAULT
STEADY-STATE
OPERATION
0.6V
Co
L
RL
Rs
Cs
Vo
CSA
CO
iL
vL
vc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com