Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L166 Datasheet(PDF) 2 Page - IXYS Corporation

Part # L166
Description  AC Controller Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L166 Datasheet(HTML) 2 Page - IXYS Corporation

  L166 Datasheet HTML 1Page - IXYS Corporation L166 Datasheet HTML 2Page - IXYS Corporation L166 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2000 IXYS All rights reserved
2 - 3
MMO 74
Symbol
Test Conditions
Characteristic Values
I
R, ID
T
VJ = TVJM; VR = VRRM; VD = VDRM
£
12
mA
V
T
I
T
= 80 A; T
VJ = 25°C
£
1.64
V
V
T0
For power-loss calculations only
0.85
V
r
T
8.4
m
W
V
GT
V
D = 6 V;
T
VJ = 25°C
£
1.5
V
T
VJ = -40°C
£
1.6
V
I
GT
V
D = 6 V;
T
VJ = 25°C
£
100
mA
T
VJ = -40°C
£
150
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
0.2
V
I
GD
£
5mA
I
L
T
VJ = 25°C; tP = 10 ms
£
250
mA
I
G = 0.3 A; diG/dt = 0.3 A/ms
I
H
T
VJ = 25°C; VD = 6 V; RGK = ¥
£
100
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
£
2
ms
I
G = 0.3 A; diG/dt = 0.3 A/ms
t
q
T
VJ = TVJM; IT = 20 A, tP = 200 ms; di/dt = -10 A/ms
typ.
150
ms
V
R = 100 V; dv/dt = 15 V/ms; VD = 2/3 VDRM
R
thJC
per thyristor; DC current
0.71
K/W
per module
0.355
K/W
R
thCH
per thyristor; DC current
0.1
K/W
per module
0.05
K/W
d
S
Creeping distance on surface
8
mm
d
A
Creepage distance in air
4
mm
a
Max. allowable acceleration
50
m/s2
Fig. 2 Gate trigger delay time
Fig. 1 Gate trigger characteristics
1
10
100
1000
0.1
1
10
I
G
V
G
mA
1: I
GT, TVJ = 125°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
V
4: P
GAV = 0.5 W
5: PGM = 5 W
6: PGM = 10 W
I
GD, TVJ = 125°C
3
4
2
1
5
6
10
100
1000
1
10
100
1000
µs
t
gd
T
VJ = 25°C
typ.
Limit
mA
I
G
M4 screws (4x) supplied
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
37.80
38.20
1.489
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004
V
3.30
4.57
0.130
0.180
W
0.780
0.830
19.81
21.08
miniBLOC, SOT-227 B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com