Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L166 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L166
Description  AC Controller Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L166 Datasheet(HTML) 1 Page - IXYS Corporation

  L166 Datasheet HTML 1Page - IXYS Corporation L166 Datasheet HTML 2Page - IXYS Corporation L166 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 IXYS All rights reserved
1 - 3
Symbol
Test Conditions
Maximum Ratings
I
RMS
T
C = 110°C, 50 - 400 Hz, module
74
A
I
TRMS
T
VJ = TVJM
53
A
I
TAVM
T
C = 110°C; (180° sine)
34
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
600
A
V
R = 0
t = 8.3 ms (60 Hz), sine
640
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
520
A
V
R = 0
t = 8.3 ms (60 Hz), sine
560
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1800
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1720
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1350
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1320
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 150 A
100
A/
ms
f =50 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.3 A
non repetitive, I
T = ITAVM
500
A/
ms
di
G/dt = 0.3 A/ms
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
p =
30
ms10
W
I
T = ITAVM
t
p = 300 ms5
W
P
GAVM
0.5
W
V
RGM
10
V
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+150
°C
V
ISOL
50/60 Hz, RMS
2500
V~
I
ISOL £ 1 mA
M
d
Mounting torque (M4)
1.1 - 1.5 / 9 - 13 Nm/lb.in.
Terminal connection torque (M4)
1.1 - 1.5 / 9 - 13 Nm/lb.in.
Weight
typ.
30
g
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1200
1200
MMO 74-12io6
1600
1600
MMO 74-16io6
Features
q
Thyristor controller for AC (circuit
W1C acc. to IEC) for mains frequency
q
International standard package
miniBLOC (ISOTOP compatible)
q
Isolation voltage 2500 V~
q
Planar passivated chips
q
UL registered, E 72873
Applications
q
Switching and control of single and
three phase AC
q
Softstart AC motor controller
q
Solid state switches
q
Light and temperature control
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
q
High power density
MMO 74
Data according to IEC 60747 and to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions.
I
RMS
= 74 A
V
RRM = 1200-1600 V
AC Controller Modules
miniBLOC, SOT-227 B
K2/A1
G1
K1/A2
G2
K2/A1 G2
G1 K1/A2


Similar Part No. - L166

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
L16 JINANJINGHENG-L16 Datasheet
76Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
L16 JINGHENG-L16 Datasheet
76Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
L16 SAMYANG-L16 Datasheet
918Kb / 2P
SCHOTTKY BARRIE R RECTIFIERS
L16 SAMYANG-L16 Datasheet
1Mb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
L16-SOD-123FL JINANJINGHENG-L16-SOD-123FL Datasheet
76Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - L166

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MLO75-12IO1 IXYS-MLO75-12IO1 Datasheet
78Kb / 3P
AC Controller Modules
MMO90 IXYS-MMO90 Datasheet
58Kb / 3P
AC Controller Modules
MMO110 IXYS-MMO110 Datasheet
91Kb / 2P
AC Controller Modules
MMO62-12IO6 IXYS-MMO62-12IO6 Datasheet
58Kb / 3P
AC Controller Modules
VW2X60 IXYS-VW2X60 Datasheet
67Kb / 3P
AC Controller Modules
MMO230 IXYS-MMO230 Datasheet
65Kb / 2P
AC Controller Modules
VWO35 IXYS-VWO35 Datasheet
58Kb / 2P
AC Controller Modules
VW2X30 IXYS-VW2X30 Datasheet
72Kb / 3P
AC Controller Modules
VW2X45 IXYS-VW2X45 Datasheet
71Kb / 3P
AC Controller Modules
MMO175 IXYS-MMO175 Datasheet
160Kb / 2P
AC Controller Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com