Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L166 Datasheet(PDF) 3 Page - IXYS Corporation

Part # L166
Description  AC Controller Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L166 Datasheet(HTML) 3 Page - IXYS Corporation

  L166 Datasheet HTML 1Page - IXYS Corporation L166 Datasheet HTML 2Page - IXYS Corporation L166 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 IXYS All rights reserved
3 - 3
MMO 74
0
25
50
75
100 125 150
0
10
20
30
40
50
60
0
25
50
75
100
125
150
110
100
1000
10000
0.001
0.01
0.1
1
0
100
200
300
400
500
s
I
2t
A
2s
I
TAVM
°C
A
0.001
0.01
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
ms
t
A
I
TSM
K/W
V
R = 0V
80 % V
RRM
50 Hz
Z
thJC
s
t
T
C
t
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
60
70
80
90
100
V
A
I
T
T
VJ = 25°C
T
VJ =125°C
V
T
0.01
0.1
1
10
0
25
50
75
100
125
150
175
200
s
I
RMS
t
T
VJ = 150°C
T
C = 85°C
020
40
60
0
20
40
60
80
100
120
T
A
°C
A
I
RMS
P
tot
A
T
VJ =150°C
T
VJ =45°C
T
VJ =150°C
T
VJ =45°C
0.5
1
1.5
2
3
5
R
thKA K/W
MMO74
W
180° sin
120°
60°
30°
DC
Fig. 5 Surge overload current
Fig. 6 Load current capability for single AC controller; 1 x MMO74
Fig. 7 I²t versus time (per thyristor)
Fig. 8 Transient thermal impedance junction to case (per thyristor)
Fig. 9 Maximum forward current at
case temperature
Constants for
Z
thJC calculation:
R
thi / (K/W) ti / (s)
0.059
0.0006
0.108
0.017
0.357
0.104
0.186
0.45
Fig. 4 Rated RMS current versus time
(360° conduction)
Fig. 3 Forward current versus voltage
drop per leg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com